Electronic Components Datasheet Search
  English  ▼

X  

PE4532 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4532
Description  SMA Female Bulkhead Hermetically Sealed Connector Solder Attachment Stub Terminal, .250 inch Diameter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4532 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4532 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4532 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Female Bulkhead Hermetically Sealed Connector
Solder Attachment Stub Terminal, .250 inch Diameter
SMA Female Bulkhead Hermetically Sealed Connector Solder Attachment Stub Terminal, .250 inch
Diameter
Configuration
Connector
SMA Female
Connector Interface Type
Stub
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Isolated Ground / Hermetic
Hermetically Sealed
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.615 [15.62]
Width/Dia., in [mm]
0.25 [6]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMA Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Female Bulkhead Hermetically Sealed Connector Solder Attachment Stub Terminal, .250 inch Diameter from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain
a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Bulkhead Hermetically Sealed Connector Solder Attachment Stub Terminal, .250
inch Diameter PE4532
URL: http://www.pasternack.com/sma-female-standard-stub-terminal-connector-pe4532-p.aspx
PE4532
PE4532 REV


Similar Part No. - PE4532

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4532 PASTERNACK-PE4532 Datasheet
344Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE45320 PASTERNACK-PE45320 Datasheet
442Kb / 5P
BMA Jack Snap-On Connector Crimp/Solder Attachment for RG142, RG223, RG400, RG55
PE45321 PASTERNACK-PE45321 Datasheet
466Kb / 5P
BMA Jack Slide-On Connector Crimp/Solder Attachment 2 Hole Flange Mount for RG316, RG188, RG174, LMR-100A, PE-C100-LSZH
PE45322 PASTERNACK-PE45322 Datasheet
433Kb / 5P
BMA Jack Slide-On Connector Solder/Non-Solder Contact Attachment 2 Hole Flange Mount for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ
PE45323 PASTERNACK-PE45323 Datasheet
391Kb / 4P
BMA Jack Bulkhead Mount Slide-On Connector Solder Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ
More results

Similar Description - PE4532

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44344 PASTERNACK-PE44344 Datasheet
216Kb / 3P
SMA Female Bulkhead Precision Connector Solder Attachment Stub Terminal, .250 inch Diameter
PE4549 PASTERNACK-PE4549 Datasheet
297Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .250 inch Diameter
PE4528 PASTERNACK-PE4528 Datasheet
215Kb / 2P
SMA Female Bulkhead Hermetically Sealed Connector Solder Attachment Stub Terminal, .235 inch D Hole
PE4189 PASTERNACK-PE4189 Datasheet
204Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Stub Terminal, .250 inch Diameter
PE44591 PASTERNACK-PE44591 Datasheet
250Kb / 3P
SMA Female Bulkhead Precision Connector Solder Attachment Stub Terminal, .250 inch Diameter
PE4530 PASTERNACK-PE4530 Datasheet
383Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Stub Terminal, .250 inch Diameter Front Mount IP 67 Rated
PE4531 PASTERNACK-PE4531 Datasheet
220Kb / 3P
SMA Male Bulkhead Hermetically Sealed Connector Solder Attachment Stub Terminal, .250 inch Diameter
PE4189 PASTERNACK-PE4189_16 Datasheet
315Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Stub Terminal, .250 inch Diameter
PE4528 PASTERNACK-PE4528_17 Datasheet
803Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4532 PASTERNACK-PE4532_16 Datasheet
344Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com