Electronic Components Datasheet Search
  English  ▼

X  

ZDA15S Datasheet(PDF) 1 Page - ITT Industries

Part # ZDA15S
Description  Cannon ZD Connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ZDA15S Datasheet(HTML) 1 Page - ITT Industries

  ZDA15S Datasheet HTML 1Page - ITT Industries ZDA15S Datasheet HTML 2Page - ITT Industries ZDA15S Datasheet HTML 3Page - ITT Industries ZDA15S Datasheet HTML 4Page - ITT Industries ZDA15S Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Cannon ZD Connectors
• Stamped contacts ZD* series connectors.
• Closed-entry socket insulator for secure
blind mating.
• Compatible with all other D*Subminiature
series.
• Particularly suitable for industrial
applications (control and measurement),
and for computer- telecom- or medical
equipment.
• Glass filled thermoplastic Insulator,
UL 94V-0 (E112081)
• Standard arrangement (9, 15, 25, 37, 50
contacts), and high density arrangement
(15, 26, 44, 62, 78) are available for both
male and female connectors
• The references mentioned in this catalogue
are class 3. See notes for class 2.
Rated current
5 A (Standard density)
2 A (High density)
1 A (IDC)
Dielectric withstanding voltage
1000 VAC for 1 min. (IDC 500 VAC for 1 min.)
Contact resistance
20 m
Ω on mated contacts
Operating temperature range
-55° / + 105°C
Insulation resistance Standard / High density
5000 M
Ω at 500 VDC (IDC 1000 MΩ at 500 VDC)
Insulators
Glass filled thermoplastic, black
Male Contacts
Brass, stamped and formed
Female Contacts
Phosphore bronze, stamped and formed
Finish
Gold over nickel in contact area, balance tin
Shells
Steel, plated
Mechanical endurance
Class 3: 50 mating / unmating cycles min.
Class 2: 200 mating / unmating cycles min.
Electrical characteristics
Mechanical characteristics


Similar Part No. - ZDA15S

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ZDA15S ITT-ZDA15S Datasheet
9Mb / 301P
D Subminiature Connectors
ZDA15S-1AKN-146 ITT-ZDA15S-1AKN-146 Datasheet
9Mb / 301P
D Subminiature Connectors
ZDA15S-OL2 ITT-ZDA15S-OL2 Datasheet
9Mb / 301P
D Subminiature Connectors
ZDA15S-OL2 ITT-ZDA15S-OL2 Datasheet
51Kb / 3P
Straight Solder Terminiation
ZDA15S1AKN-146 ITT-ZDA15S1AKN-146 Datasheet
34Kb / 1P
Connector with Threaded Coupling
More results

Similar Description - ZDA15S

ManufacturerPart #DatasheetDescription
logo
ITT Industries
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
Cannon 75 Ohm Connectors
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
Cannon Rack & Panel Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
Cannon 50 Ohm Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
Cannon Rack & Panel Connectors
logo
List of Unclassifed Man...
ZDB25P1AKN-146 ETC2-ZDB25P1AKN-146 Datasheet
233Kb / 5P
Stamped contacts ZD* series connectors
logo
ITT Industries
D38999 ITT-D38999 Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20FC98PN ITT-D38999-20FC98PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20FD-35PN ITT-D38999-20FD-35PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-26WJ4PN ITT-D38999-26WJ4PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
Cannon ZD Connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com