Electronic Components Datasheet Search
  English  ▼

X  

Z8F64 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z8F64
Description  MCU Development Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F64 Datasheet(HTML) 1 Page - Zilog, Inc.

  Z8F64 Datasheet HTML 1Page - Zilog, Inc. Z8F64 Datasheet HTML 2Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Z8 Encore!®
MCU Development Kit
Get the ZiLOG Z8 Encore!® Microcontroller (MCU) Develop-
ment Kit today to see how perfectly the Z8 Encore!® MCUs fit
into applications such as motor control, security systems,
systems monitoring, personal electronic devices, home appli-
ances, and home automation. You will receive a complete
development platform – including all hardware and software –
plus a full-version ANSI C-Compiler.
ZiLOG delivers extra value after you have finished evaluation,
because our kit then serves as your complete Z8 Encore!®
product development solution. Evaluate, Design, Build – it’s that
simple. There’s nothing more to buy. Discover the value and
flexibility Z8 Encore!® MCU brings to your next design. Order
your ZiLOG Z8 Encore!® MCU Development Kit today!
OVERVIEW
Z8 Encore!® MCU Development Kit Contents
Hardware
• Z8 Encore!® Development Board
• Serial or USB Smart Cable
• 5 V DC Universal Power Supply
Software
• ZDS II Integrated Development Environment (ZDS II-IDE)
• ANSI C-Compiler
• Sample Code
Documentation/CD-ROM
• Development Kit Quick Start Guide
• Development Kit User Manual
• ZDS II-IDE User Manual
• eZ8 CPU User Manual
• Product Specifications
• Product Briefs
• Application Notes
Development Board Features
• Z8 Encore!® MCU
• Three LEDs
• RS-232 interface
• IrDA transceiver
• Two push buttons, RESET and TEST
• 5 V DC power connector
• On-Chip Debugger interface
• Header for ADC input (not present on 8-pin board)
• Prototyping area
• External interface connectors
• 2.7 V to 3.6 V operating range with 5 V-tolerant inputs


Similar Part No. - Z8F64

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F640 ZILOG-Z8F640 Datasheet
122Kb / 6P
Advanced 20MHz 64KB Flash Microcontroller
Z8F6401 ZILOG-Z8F6401 Datasheet
1Mb / 246P
Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F6401AN020EC ZILOG-Z8F6401AN020EC Datasheet
1Mb / 246P
Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F6401AN020EC ZILOG-Z8F6401AN020EC Datasheet
122Kb / 6P
Advanced 20MHz 64KB Flash Microcontroller
Z8F6401AN020SC ZILOG-Z8F6401AN020SC Datasheet
1Mb / 246P
Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
More results

Similar Description - Z8F64

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2501-DK SILABS-CP2501-DK Datasheet
252Kb / 14P
CP250X DEVELOPMENT KIT
logo
Texas Instruments
TMS570LS31 TI-TMS570LS31 Datasheet
1Mb / 37P
TMS570LS31 Hercules ARM Safety MCU Development Kit (HDK)
logo
Silicon Laboratories
AN675 SILABS-AN675 Datasheet
593Kb / 2P
PRECISION32??MCU DEVELOPMENT KIT QUICK-START GUIDE
logo
Zilog, Inc.
Z8F081A ZILOG-Z8F081A Datasheet
155Kb / 2P
Development Kit
logo
Silicon Laboratories
C8051F850DK-QS SILABS-C8051F850DK-QS Datasheet
775Kb / 2P
C8051F85X/86X MCU DEVELOPMENT KIT QUICK-START GUIDE FEATURING THE UNIFIED DEVELOPMENT PLATFORM (UDP)
logo
Murata Manufacturing Co...
DR8000-DK MURATA-DR8000-DK Datasheet
43Kb / 1P
916.5MHz Development kit
logo
STMicroelectronics
UM1657 STMICROELECTRONICS-UM1657 Datasheet
1Mb / 48P
SPIRIT1 development kit
28-Nov-2013
logo
Texas Instruments
LAUNCHXL-CC2650 TI1-LAUNCHXL-CC2650 Datasheet
1Mb / 7P
LaunchPad Development Kit
logo
STMicroelectronics
STEVAL-STLKT01V1 STMICROELECTRONICS-STEVAL-STLKT01V1 Datasheet
350Kb / 7P
SensorTile development kit
Rev 8 - March 2019
logo
Advantech Co., Ltd.
SOM-DK3520 ADVANTECH-SOM-DK3520 Datasheet
358Kb / 2P
Qseven Development Kit
6-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com