Electronic Components Datasheet Search
  English  ▼

X  

Z86C31 Datasheet(PDF) 39 Page - Zilog, Inc.

Part # Z86C31
Description  General-Purpose Register File. Flexible I/O. Analog Inputs
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C31 Datasheet(HTML) 39 Page - Zilog, Inc.

Back Button Z86C31 Datasheet HTML 35Page - Zilog, Inc. Z86C31 Datasheet HTML 36Page - Zilog, Inc. Z86C31 Datasheet HTML 37Page - Zilog, Inc. Z86C31 Datasheet HTML 38Page - Zilog, Inc. Z86C31 Datasheet HTML 39Page - Zilog, Inc. Z86C31 Datasheet HTML 40Page - Zilog, Inc. Z86C31 Datasheet HTML 41Page - Zilog, Inc. Z86C31 Datasheet HTML 42Page - Zilog, Inc. Z86C31 Datasheet HTML 43Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 348 page
background image
Z8 CPU
User Manual
UM001602-0904
Address Space
21
Please refer to the specific product specification to determine the above
registers are implemented.
Z8 Control and Peripheral Registers
Standard Z8 Registers
The standard Z8 control registers govern the operation of the CPU. Any
instruction which references the register file can access these control reg-
isters. Available control registers are:
• Interrupt Priority Register (IPR)
• Interrupt Mask Register (IMR)
• Interrupt Request Register (IRQ)
• Program Control Flags (FLAGS)
• Register Pointer (RP)
• Stack Pointer High-Byte (SPH)
• Stack Pointer Low-Byte (SPL)
4h
Not implemented (reserved)
3h
Not implemented (reserved)
2h
Not implemented (reserved)
1h
Not implemented (reserved)
0h
Z8 Ports 0, 1, 2, 3, and General-Purpose
Registers 04h to EFh, and control
registers F0h to FFh.
Table 7. Z8 Expanded Register File Bank Layout
Expanded Register
File Bank
ERF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com