Electronic Components Datasheet Search
  English  ▼

X  

Z8F24 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z8F24
Description  MCU Development Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F24 Datasheet(HTML) 2 Page - Zilog, Inc.

  Z8F24 Datasheet HTML 1Page - Zilog, Inc. Z8F24 Datasheet HTML 2Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Z8 Encore!® MCU ZDS II-IDE GUI
Order your ZiLOG Development Kits at http://www.zilog.com to get your applications to
market in recored time.
Z8 Encore!® is a registered trademarks of ZiLOG, Inc. in the United States and in the other countries. FL004607-0607
C-Compiler
A full-version ANSI C-Compiler is included in this kit at no
additional cost allowing you to begin your design immedi-
ately. The C-Compiler supports a powerful configurable
optimizer allowing code to be optimized for speed or size.
Smart Cable
This small circuit board provides reliable and robust communi-
cation between your PC and the development board. Use it for
your development board and again with your final product's
hardware.
Serial Smart Cable converts RS-232 signals to communicate
with the of the eZ8 core.
P/N: Z8ENCORE000ZAC
USB Smart Cable is compatible with both USB high speed and
full-speed standards and converts the signals sent from the USB
port to your development PC to communicate with the
On-Chip.
P/N: ZUSBSC00100ZACG (RoHS)
P/N: ZUSBOPTSC01ZACG (RoHS)
Device
Memory
Flash/
ROM
(Bytes)
RAM
(Bytes)
DMA
Controller
Precision
Osc.
Operating
Voltage
UARTs
SPI and I2C
Pin Count
Development Kit
3.0 - 3.6 V
3.0 - 3.6 V
3.0 - 3.6 V
3.0 - 3.6 V
3.0 - 3.6 V
2.7 - 3.6 V
2.7 - 3.6 V
2.7 - 3.6 V
2.7 - 3.6 V
2.7 - 3.6 V
2.7 - 3.6 V
Z8F64
64K
48K
32K
24K
16K
8K
8K
4K
4K
2K
1K
4K
20
60
60
46
46
46
19
24
24
24
24
24
19
18
19
18
18
18
24
24
24
24
19
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
12
12
12
12
12
5
5
8
8
8
8
4
4
4
4
4
2
2
2
2
2
1
1
1
1
1
1
40, 44, 64, 68, 80
40, 44, 64, 68, 80
40, 44, 64, 68
40, 44, 64, 68
40, 44, 64, 68
20, 28
8,
20, 28
20, 28
8,
20, 28
8,
20, 28
8,
20, 28
Z8F64200100KITG (RoHS)
Z8F64200100KITG (RoHS)
Z8F64200100KITG (RoHS)
Z8F64200100KITG (RoHS)
Z8F64200100KITG (RoHS)
Z8F08200100KITG (RoHS)
Z8F08200100KIT
G (RoHS)
Z8F04A08100KIT
G (RoHS)
Z8F04A28100KIT
G (RoHS)
Z8F04A08100KIT
G (RoHS)
Z8F04A28100KITG
(RoHS)
Z8F04A08100KIT
G (RoHS)
Z8F04A28100KIT
G (RoHS)
Z8F04A08100KIT
G (RoHS)
Z8F08A28100KITG
(RoHS)
2
2
2
2
2
2
20
20
20
20
20
5
5
5
5
20
4K
2K
2K
2K
1K
1K
1K
1K
512
256
Z8F48
Z8F32
Z8F24
Z8F16
Z8F08
Z8F08x3
Z8F04
Z8F04x3
Z8F02x3
Z8F01x3
Z8 Encore!® MCU Development Kit
ZiLOG Developer Studio II-Integrated Development Environ-
ment is a complete suite of software tools that supports devel-
opment with the Z8 Encore!® MCU. Its easy-to-use Windows-
based GUI provides an environment that accelerates the edit,
compile, and debug cycle. Included in ZDS II is a language
sensitive editor, Project manager, Compiler, Assembler, Linker,
Librarian, and Debugger.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com