Electronic Components Datasheet Search
  English  ▼

X  

PE4551 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4551
Description  MCX Plug Connector Crimp/Solder Attachment For RG316, RG174, RG188
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4551 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4551 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4551 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
MCX Plug Connector Crimp/Solder Attachment
For RG316, RG174, RG188
MCX Plug Connector Crimp/Solder Attachment For RG316, RG174, RG188
Configuration
Connector
MCX Plug
Connector Specification
CECC 22220
Connector Interface Type
RG316,RG174,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 3
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
250
Dielectric Withstanding Voltage, Vrms
750
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +155
Size
Length, in [mm]
0.79 [20.07]
Width/Dia., in [mm]
0.217 [6]
Weight, lbs [g]
0.006 [2.72]
Connector
Type
MCX Plug
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/mcx-plug-standard-rg316-rg174-rg188-connector-pe4551-p.aspx
MCX Plug Connector Crimp/Solder Attachment For RG316, RG174, RG188 from Pasternack Enterprises has same day
shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF,
microwave and fiber optic products.
PE4551
PE4551 REV


Similar Part No. - PE4551

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4551 PASTERNACK-PE4551 Datasheet
357Kb / 3P
MCX Plug Connector Crimp/Solder Attachment
PE4551 PASTERNACK-PE4551_16 Datasheet
357Kb / 3P
MCX Plug Connector Crimp/Solder Attachment
More results

Similar Description - PE4551

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4045 PASTERNACK-PE4045 Datasheet
261Kb / 3P
SMC Plug Connector Crimp/Solder Attachment For RG174 RG316 RG188
PE44145 PASTERNACK-PE44145 Datasheet
267Kb / 2P
Banana Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4896 PASTERNACK-PE4896 Datasheet
262Kb / 3P
MMCX Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4046 PASTERNACK-PE4046 Datasheet
262Kb / 3P
SMB Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44371 PASTERNACK-PE44371 Datasheet
204Kb / 2P
RP MCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44297 PASTERNACK-PE44297 Datasheet
207Kb / 2P
FME Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4553 PASTERNACK-PE4553 Datasheet
295Kb / 3P
MCX Plug Right Angle Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4562 PASTERNACK-PE4562 Datasheet
356Kb / 3P
MCX Jack Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE44369 PASTERNACK-PE44369 Datasheet
221Kb / 3P
RP MCX Plug Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE45209 PASTERNACK-PE45209 Datasheet
352Kb / 3P
SSMC Plug Connector Crimp/Solder Attachment for RG316, RG174, RG188
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com