Electronic Components Datasheet Search
  English  ▼

X  

PE4556 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4556
Description  MCX Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .052 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4556 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4556 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4556 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4556 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
MCX Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .052 inch Hole Spacing
Configuration
Connector
MCX Jack
Connector Specification
CECC 22220
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 6
Impedance, Ohms
50
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
1,000
Frequency 1
Frequency, MHz
DC to 1,000
VSWR
1.5:1
Frequency 2
Frequency, GHz
1 to 3
VSWR
1.63:1
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +155
Size
Length, in [mm]
0.394 [10.01]
Width/Dia., in [mm]
0.235 [5.97]
Height, in [mm]
0.375 [9.53]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
MCX Jack
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
3µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MCX Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .052 inch
Hole Spacing PE4556
PE4556
PE4556 REV
MCX Jack Right Angle Connector Solder Attachment
Thru Hole PCB, .200 inch x .052 inch Hole Spacing


Similar Part No. - PE4556

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4556 PASTERNACK-PE4556 Datasheet
362Kb / 4P
MCX Jack Right Angle Connector Solder Attachment Thru Hole PCB
PE4556 PASTERNACK-PE4556_17 Datasheet
362Kb / 4P
MCX Jack Right Angle Connector Solder Attachment Thru Hole PCB
More results

Similar Description - PE4556

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44307 PASTERNACK-PE44307 Datasheet
252Kb / 3P
MCX Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .055 inch Hole Spacing
PE4559 PASTERNACK-PE4559 Datasheet
219Kb / 3P
MCX Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .055 inch Hole Spacing
PE4177 PASTERNACK-PE4177 Datasheet
259Kb / 3P
SMB Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4178 PASTERNACK-PE4178 Datasheet
259Kb / 3P
SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44271 PASTERNACK-PE44271 Datasheet
217Kb / 3P
75 Ohm 1.6/5.6 Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .052 inch Hole Spacing
PE44303 PASTERNACK-PE44303 Datasheet
202Kb / 2P
MCX Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4555 PASTERNACK-PE4555 Datasheet
204Kb / 2P
MCX Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .052 inch Hole Spacing
PE44304 PASTERNACK-PE44304 Datasheet
342Kb / 3P
75 Ohm MCX Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .055 inch Hole Spacing
PE44375 PASTERNACK-PE44375 Datasheet
203Kb / 2P
RP MCX Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44830 PASTERNACK-PE44830 Datasheet
372Kb / 3P
MCX Plug Right Angle Connector Solder Attachment Thru-Hole PCB, .200 inch x .067 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com