Electronic Components Datasheet Search
  English  ▼

X  

PE4572 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4572
Description  7/16 DIN Female Bulkhead Connector Solder Attachment Solder Cup Terminal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4572 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4572 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4572 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
7/16 DIN Female Bulkhead Connector Solder Attachment Solder Cup Terminal
Configuration
Connector
7/16 DIN Female
Connector Specification
MIL-C-39012
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.444 [36.68]
Width/Dia., in [mm]
1.77 [44.96]
.
Weight, lbs [g]
0.398 [180.53]
Connector
Type
7/16 DIN Female
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
7/16 DIN Female Bulkhead Connector Solder Attachment Solder Cup Terminal from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Female Bulkhead Connector Solder Attachment Solder Cup Terminal PE4572
URL: http://www.pasternack.com/7-16-female-standard-solder-cup-terminal-connector-pe4572-p.aspx
PE4572
PE4572 REV
7/16 DIN Female Bulkhead Connector Solder
Attachment Solder Cup Terminal


Similar Part No. - PE4572

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4572 PASTERNACK-PE4572 Datasheet
319Kb / 3P
7/16 DIN Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4572 PASTERNACK-PE4572_16 Datasheet
319Kb / 3P
7/16 DIN Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
More results

Similar Description - PE4572

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44291 PASTERNACK-PE44291 Datasheet
232Kb / 2P
7/16 DIN Female Connector Clamp/Solder Attachment
PE4549 PASTERNACK-PE4549_16 Datasheet
316Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4572 PASTERNACK-PE4572_16 Datasheet
319Kb / 3P
7/16 DIN Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4573 PASTERNACK-PE4573_16 Datasheet
356Kb / 3P
7/16 DIN Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4575 PASTERNACK-PE4575_16 Datasheet
322Kb / 3P
7/16 DIN Female Connector Crimp/Solder Attachment
PE4063 PASTERNACK-PE4063_16 Datasheet
316Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4065 PASTERNACK-PE4065_16 Datasheet
355Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4101 PASTERNACK-PE4101_16 Datasheet
346Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4137 PASTERNACK-PE4137_17 Datasheet
351Kb / 3P
N Female Bulkhead Mount Pressurized Connector Solder Attachment Solder Cup Terminal
PE4240 PASTERNACK-PE4240_16 Datasheet
315Kb / 3P
C Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com