Electronic Components Datasheet Search
  English  ▼

X  

PE4580 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4580
Description  SMA Male Right Angle Connector Crimp/Solder Attachment For RG180, RG195
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4580 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4580 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4580 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Male Right Angle Connector Crimp/
Solder Attachment For RG180, RG195
SMA Male Right Angle Connector Crimp/Solder Attachment For RG180, RG195
Configuration
Connector
SMA Male
Connector Interface Type
RG180,RG195
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.618 [15.7]
Width/Dia., in [mm]
0.312 [8]
Height, in [mm]
0.93 [23.62]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Male Right Angle Connector Crimp/Solder Attachment For RG180, RG195 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle Connector Crimp/Solder Attachment For RG180, RG195 PE4580
URL: http://www.pasternack.com/sma-male-standard-rg180-rg195-connector-pe4580-p.aspx
PE4580
PE4580 REV


Similar Part No. - PE4580

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4580 PASTERNACK-PE4580 Datasheet
319Kb / 3P
RF Connectors Technical Data Sheet
PE4580 PASTERNACK-PE4580_16 Datasheet
319Kb / 3P
RF Connectors Technical Data Sheet
More results

Similar Description - PE4580

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4161 PASTERNACK-PE4161 Datasheet
219Kb / 3P
75 Ohm SMB Plug Right Angle Connector Crimp /Solder Attachment For RG180, RG195
PE4247 PASTERNACK-PE4247 Datasheet
253Kb / 2P
BNC Male Connector Crimp/Solder Attachment For PE-B150, RG180, RG195
PE4777 PASTERNACK-PE4777 Datasheet
257Kb / 2P
RP SMA Malle Connector Crimp/Solder Attachment For RG180, RG195
PE4162 PASTERNACK-PE4162 Datasheet
253Kb / 2P
75 Ohm SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG180, RG195
PE4776 PASTERNACK-PE4776 Datasheet
255Kb / 2P
RP SMA Male Connector Clamp/Solder Attachment For RG180, RG195
PE4827 PASTERNACK-PE4827 Datasheet
248Kb / 2P
D-Sub Plug Right Angle Contact Crimp/ Solder Attachment For RG180, RG195
PE4831 PASTERNACK-PE4831 Datasheet
247Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For RG180, RG195
PE44446 PASTERNACK-PE44446 Datasheet
204Kb / 2P
75 Ohm SMB Positive Snap Plug Right Angle Connector Crimp/Solder Attachment For RG180, RG195
PE4578 PASTERNACK-PE4578 Datasheet
205Kb / 2P
SMA Male Connector Crimp - Solder Attachment For RG180, RG195
PE4579 PASTERNACK-PE4579 Datasheet
214Kb / 2P
SMA Male Right Angle Connector Clamp - Solder Attachment For RG180, RG195
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com