Electronic Components Datasheet Search
  English  ▼

X  

PE4601 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4601
Description  75 Ohm BNC Male Connector Clamp/Solder Attachment For RG59
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4601 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4601 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4601 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG59
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG59
Configuration
Connector
BNC Male
Connector Interface Type
RG59
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, MHz
DC to 1,000
Impedance, Ohms
75
Maximum VSWR
1.5:1
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.09 [27.69]
Width/Dia., in [mm]
0.571 [15]
.
Weight, lbs [g]
0.034 [15.42]
Connector
Type
BNC Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/bnc-male-standard-rg59-connector-pe4601-p.aspx
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG59 from Pasternack Enterprises has same day shipment for
domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF, microwave and
fiber optic products.
PE4601
PE4601 REV


Similar Part No. - PE4601

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4601 PASTERNACK-PE4601 Datasheet
414Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4601 PASTERNACK-PE4601_16 Datasheet
414Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
More results

Similar Description - PE4601

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4602 PASTERNACK-PE4602 Datasheet
253Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG59
PE44165 PASTERNACK-PE44165 Datasheet
98Kb / 1P
75 OHM TNC MALE, CLAMP ATTACHMENT FOR RG59
PE4511 PASTERNACK-PE4511 Datasheet
224Kb / 3P
75 Ohm N Male Connector Clamp/Solder Attachment For RG59, RG62
PE4597 PASTERNACK-PE4597 Datasheet
228Kb / 2P
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG6
PE4613 PASTERNACK-PE4613 Datasheet
222Kb / 2P
75 Ohm BNC Female Connector Clamp/ Solder Attachment For RG59
PE4607 PASTERNACK-PE4607 Datasheet
236Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp - Solder Attachment For RG59
PE4597 PASTERNACK-PE4597_16 Datasheet
333Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4599 PASTERNACK-PE4599_16 Datasheet
331Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4601 PASTERNACK-PE4601_16 Datasheet
414Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4603 PASTERNACK-PE4603_16 Datasheet
389Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com