Electronic Components Datasheet Search
  English  ▼

X  

PE44024 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44024
Description  SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.015 inch Pin
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44024 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44024 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44024 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44024 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.015 inch Pin
Configuration
Connector
SMA Female
Connector Specification
MIL-STD-348
Connector Interface Type
0.015 inch Pin
Cable Attachment Method (Shield/Contact)
Field Replaceable
Body Style
Straight
Mount Method
2 Hole Flange
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.25:1
Mechanical Specifications
Size
Length, in [mm]
0.375 [9.53]
Width/Dia., in [mm]
0.223 [5.66]
Height, in [mm]
0.625 [15.88]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMA Female
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204, Type II, Class 2
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
QQ-P-35
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.015 inch Pin PE44024
PE44024
PE44024 REV
SMA Female Connector Field Replaceable
Attachment 2 Hole Flange 0.015 inch Pin


Similar Part No. - PE44024

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4402 PASTERNACK-PE4402 Datasheet
259Kb / 3P
SMA Male Connector Solder Attachment For RG188-DS, RG316-DS
PE4402 PASTERNACK-PE4402 Datasheet
351Kb / 3P
SMA Male Connector Solder Attachment
PE44020 PASTERNACK-PE44020 Datasheet
209Kb / 3P
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.018 inch Pin, .500 inch Flange Size
PE44021 PASTERNACK-PE44021 Datasheet
242Kb / 3P
SMA Male Connector Field Replaceable Attachment Hole Flange 0.020 inch Pin, .500 inch Flange Size
PE44022 PASTERNACK-PE44022 Datasheet
209Kb / 3P
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.036 inch Pin, .500 inch Flange Size
More results

Similar Description - PE44024

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44029 PASTERNACK-PE44029 Datasheet
825Kb / 3P
SMA Male Connector Field Replaceable Attachment 2 Hole Flange 0.015 inch Pin
PE44016 PASTERNACK-PE44016 Datasheet
252Kb / 3P
SMA Female Right Angle Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin
PE44006 PASTERNACK-PE44006 Datasheet
246Kb / 3P
SMA Male Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .375 inch Flange Size
PE44026 PASTERNACK-PE44026 Datasheet
228Kb / 3P
SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.020 inch Pin
PE44001 PASTERNACK-PE44001 Datasheet
207Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .375 inch Flange Size
PE44010 PASTERNACK-PE44010 Datasheet
208Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .500 inch Flange Size
PE44011 PASTERNACK-PE44011 Datasheet
209Kb / 3P
SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .500 inch Flange Size
PE44023 PASTERNACK-PE44023 Datasheet
262Kb / 3P
SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.012 inch Pin
PE44025 PASTERNACK-PE44025 Datasheet
220Kb / 3P
SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.018 inch Pin
PE44032 PASTERNACK-PE44032 Datasheet
210Kb / 3P
SMA Male Connector Field Replaceable Attachment 2 Hole Flange 0.036 inch Pin
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com