Electronic Components Datasheet Search
  English  ▼

X  

PE44034 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44034
Description  D-Sub Receptacle Right Angle Contact Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44034 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44034 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44034 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
D-Sub Receptacle Right Angle Contact Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
Configuration
Connector
D-Sub Receptacle
Connector Interface Type
PE-047SR,PE-SR047AL,PE-SR047FL
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.765 [19.43]
Height, in [mm]
0.4 [10.16]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
D-Sub Receptacle
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
D-Sub Receptacle Right Angle Contact Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: D-Sub Receptacle Right Angle Contact Solder Attachment For PE-047SR, PE-SR047AL, PE-
SR047FL PE44034
URL: http://www.pasternack.com/d-sub-receptacle-standard-pe-047sr-pe-sr047al-pe-sr047fl-connector-pe44034-p.aspx
PE44034
PE44034 REV
D-Sub Receptacle Right Angle Contact Solder Attachment
For PE-047SR, PE-SR047AL, PE-SR047FL


Similar Part No. - PE44034

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4403 PASTERNACK-PE4403 Datasheet
121Kb / 1P
SMA MALE SOLDER/CLAMP
PE44030 PASTERNACK-PE44030 Datasheet
172Kb / 2P
SMA Male Field Replaceable Connector With EMI Gasket 2 Hole Flange 0.018 inch Pin
PE44031 PASTERNACK-PE44031 Datasheet
243Kb / 3P
SMA Male Connector Field Replaceable Attachment 2 Hole Flange 0.020 inch Pin
PE44032 PASTERNACK-PE44032 Datasheet
210Kb / 3P
SMA Male Connector Field Replaceable Attachment 2 Hole Flange 0.036 inch Pin
PE44033 PASTERNACK-PE44033 Datasheet
206Kb / 2P
D-Sub Receptacle Right Angle Contact Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
More results

Similar Description - PE44034

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4841 PASTERNACK-PE4841 Datasheet
257Kb / 2P
D-Sub Receptacle Contact Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4846 PASTERNACK-PE4846 Datasheet
256Kb / 2P
D-Sub Plug Contact Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44039 PASTERNACK-PE44039 Datasheet
830Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44274 PASTERNACK-PE44274 Datasheet
279Kb / 2P
SMP Female Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44421 PASTERNACK-PE44421 Datasheet
270Kb / 3P
SSMA Male Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4410 PASTERNACK-PE4410 Datasheet
221Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44457 PASTERNACK-PE44457 Datasheet
206Kb / 2P
MMCX Plug Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE45282 PASTERNACK-PE45282 Datasheet
681Kb / 3P
SMA Male Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45385 PASTERNACK-PE45385 Datasheet
367Kb / 5P
SSMC Plug Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45388 PASTERNACK-PE45388 Datasheet
384Kb / 5P
SSMC Jack Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com