Electronic Components Datasheet Search
  English  ▼

X  

PE44076 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44076
Description  N Female Press In Connector Solder Attachment Solder Cup Terminal, .500 inch Diameter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44076 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44076 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44076 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44076 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Female Press In Connector Solder Attachment Solder Cup Terminal, .500 inch Diameter
Configuration
Connector
N Female
Connector Specification
MIL-STD-348A
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Press In
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.121 [28.47]
Width/Dia., in [mm]
0.625 [15.88]
.
Weight, lbs [g]
0.055 [24.95]
Connector
Type
N Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Press In Connector Solder Attachment Solder Cup Terminal, .500 inch Diameter
PE44076
PE44076
PE44076 REV
N Female Press In Connector Solder Attachment
Solder Cup Terminal, .500 inch Diameter


Similar Part No. - PE44076

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4407 PASTERNACK-PE4407 Datasheet
228Kb / 3P
SMA Male Right Angle Connector Clamp - Solder Attachment For RG188-DS, RG316-DS
PE44070 PASTERNACK-PE44070 Datasheet
105Kb / 1P
N FEMALE PANEL MOUNT CLAMP ATTACHMENT FOR RG174 RG188& RG316
PE44071 PASTERNACK-PE44071 Datasheet
126Kb / 1P
N FEMALE, PANEL MOUNT, SOLDER/CLAMP ATTACHMENT FOR RG401, PE-SR401AL & PE-SR401FL
PE44072 PASTERNACK-PE44072 Datasheet
155Kb / 1P
N FEMALE, PANEL MOUNT, SOLDER/CLAMP ATTACHMENT FOR RG402, PE-SR402AL & PE-SR402FL
PE44073 PASTERNACK-PE44073 Datasheet
105Kb / 1P
N FEMALE, PANEL MOUNT, SOLDER/CLAMP ATTACHMENT FOR RG405, PE-SR405AL & PE-SR405FL
More results

Similar Description - PE44076

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44075 PASTERNACK-PE44075 Datasheet
237Kb / 2P
N Female Press In Connector Solder Attachment Tab Terminal, .500 inch Diameter
PE44240 PASTERNACK-PE44240 Datasheet
864Kb / 3P
SMA Femal Press In Connector Solder Attachment Tab Terminal, .200 inch Diameter
PE4549 PASTERNACK-PE4549 Datasheet
297Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .250 inch Diameter
PE4506 PASTERNACK-PE4506 Datasheet
228Kb / 3P
75 Ohm N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch Diameter
PE4394 PASTERNACK-PE4394 Datasheet
237Kb / 2P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal .500 inch Hole Spacing
PE44241 PASTERNACK-PE44241 Datasheet
211Kb / 2P
SMA Female Press In Connector Solder Attachment Pin Terminal, .200 inch Diameter
PE4527 PASTERNACK-PE4527 Datasheet
293Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE4488 PASTERNACK-PE4488 Datasheet
870Kb / 2P
N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch Diameter
PE44074 PASTERNACK-PE44074 Datasheet
203Kb / 2P
N Female Press In Connector Solder Attachment Pin Terminal, .500 inch Diameter
PE4228 PASTERNACK-PE4228_16 Datasheet
356Kb / 3P
MHV Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal .500 inch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com