Electronic Components Datasheet Search
  English  ▼

X  

1404698 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1404698
Description  Sensor/Actuator cable - SAC-3P- 2,0-PVC/M 8FS B-L - 1404698
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1404698 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1404698 Datasheet HTML 1Page - PHOENIX CONTACT 1404698 Datasheet HTML 2Page - PHOENIX CONTACT 1404698 Datasheet HTML 3Page - PHOENIX CONTACT 1404698 Datasheet HTML 4Page - PHOENIX CONTACT 1404698 Datasheet HTML 5Page - PHOENIX CONTACT 1404698 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
https://www.phoenixcontact.com/us/produkte/1404698
17.01.2013   Page 3 / 6
Sensor/Actuator cable - SAC-3P- 2,0-PVC/M 8FS B-L - 1404698
Classifications
eCl@ss
eCl@ss 5.1
27061801
eCl@ss 6.0
27061801
eCl@ss 7.0
27061801
Approvals
Approvals
Approvals
UL Listed / cUL Listed / cULus Listed
Ex Approvals
Approvals submitted
Approval details
UL Listed 
 
 
Nominal current IN
4 A
Nominal voltage UN
125 V
cUL Listed 
 
 
Nominal current IN
4 A
Nominal voltage UN
125 V
cULus Listed 
Accessories
Accessories
Marking



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com