Electronic Components Datasheet Search
  English  ▼

X  

PE44088 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44088
Description  Mini UHF Male Push-On Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44088 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44088 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44088 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Mini UHF Male Push-On Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
Configuration
Connector
Mini UHF Male
Connector Interface Type
RG55,RG141,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.2 [30.48]
Width/Dia., in [mm]
0.475 [12.07]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
Mini UHF Male
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Mini UHF Male Push-On Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400 from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain
a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Mini UHF Male Push-On Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223,
RG400 PE44088
URL: http://www.pasternack.com/mini-uhf-male-standard-rg55-rg141-rg142-rg223-rg400-connector-pe44088-p.aspx
PE44088
PE44088 REV
Mini UHF Male Push-On Connector Crimp/Solder
Attachment For RG55, RG141, RG142, RG223, RG400


Similar Part No. - PE44088

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4408 PASTERNACK-PE4408 Datasheet
285Kb / 3P
SMA Male Right Angle Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE4408 PASTERNACK-PE4408 Datasheet
370Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
PE44080 PASTERNACK-PE44080 Datasheet
301Kb / 2P
SHV Jack Bulkhead Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .480 inch D Hole
PE44081 PASTERNACK-PE44081 Datasheet
88Kb / 1P
MINI UHF MALE RIGHT ANGLE CRIMP ATTACHMENT FOR RG55 RG141 RG142 RG223 &RG400
PE44082 PASTERNACK-PE44082 Datasheet
261Kb / 2P
Mini UHF Male Right Angle Connector Crimp - Solder Attachment For RG58
More results

Similar Description - PE44088

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4042 PASTERNACK-PE4042 Datasheet
261Kb / 2P
N Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE44052 PASTERNACK-PE44052 Datasheet
274Kb / 2P
UHF Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44081 PASTERNACK-PE44081 Datasheet
88Kb / 1P
MINI UHF MALE RIGHT ANGLE CRIMP ATTACHMENT FOR RG55 RG141 RG142 RG223 &RG400
PE44083 PASTERNACK-PE44083 Datasheet
89Kb / 1P
MINI UHF FEMALE CRIMP ATTACHMENT FOR RG55 RG141 RG142 RG223 &RG400
PE44086 PASTERNACK-PE44086 Datasheet
92Kb / 1P
MINI UHF FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG55 RG141 RG142 RG223 &RG400
PE4445 PASTERNACK-PE4445 Datasheet
231Kb / 3P
C Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4044 PASTERNACK-PE4044 Datasheet
268Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4047 PASTERNACK-PE4047 Datasheet
268Kb / 3P
TNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4657 PASTERNACK-PE4657 Datasheet
111Kb / 1P
MHV MALE CRIMP ATTACHMENT FOR RG55 RG141 RG142 RG223 & RG400
PE44057 PASTERNACK-PE44057 Datasheet
88Kb / 1P
UHF FEMALE, CRIMP ATTACHMENT FOR RG55, RG141, RG142, RG223 & RG400
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com