Electronic Components Datasheet Search
  English  ▼

X  

3R108 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3R108
Description  3M Industrial RJ45 Modular Plug
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3R108 Datasheet(HTML) 1 Page - 3M Electronics

  3R108 Datasheet HTML 1Page - 3M Electronics 3R108 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3M™ Industrial RJ45 Modular Plug, 3R108 Series
3M™ Industrial RJ45 Modular Plug
3M™ Industrial RJ45 Modular Plug Packaging
Easy to Terminate
The 3M Industrial RJ45 Modular Plug is based on the standard RJ45 pin profile and
was developed specifically for use in rugged industrial IP 20 environments using
double-shielded, four twisted pair enhanced category 5 (Cat5e) cabling. 3M’s 50-year,
award-winning, insulation displacement contact (IDC) technology incorporated into
the RJ45 modular plug allows a reliable and easy termination process without the need
to strip the wires. This RJ45 modular plug can be terminated in the field using only a
pair of pliers. The plug is compact at 44 mm long and has a robust design that helps
reduce the likelihood of the latch breaking during multiple insertion and withdrawal
cycles. All components of the field terminable Industrial RJ45 Modular Plug are
provided in a convenient blister pack.
The 3M Industrial RJ45 Modular Plug is designed to be used mainly in industrial
atmospheres as an interface for industrial ethernet. More and more industrial
appliances are connected and controlled using ethernet technology to optimize
factory and process automation. However, a more noise-tolerant and robust-structured
modular plug is required compared to a common office LAN application. The
modular plugs and cables must have a strong shielded structure and be designed to
work in harsh environments such as extreme temperatures, humidity, vibration, etc.
Typical applications include industrial machinery:
Fast Facts:
• Allows customers to use only the cable length they need
• Easy and reliable IDC termination with no special wire prep; no stripping, tinning
or special tooling
• Compatible to double-shielded Cat5e cables
– Solid Wire: AWG 24
– Stranded Wire: AWG 24-26 (7 wires)
– Max Diameter: 6.8 mm
• Robust structured latch helps minimize breakages
• 4-side shielding
• Compact length: 44 mm
• EU RoHS Compliant*
• Programmable Logic Controller (PLCs)
• Remote I/Os
• Human Machine Interface (HMIs)
• Industrial PCs
• Industrial Robots
• Inspection Cameras
Specifications
Material:
PBT body and case cover, Nylon latch
Flammability:
UL94V-0
Current Rating:
0.5 Amps
Voltage Rating:
24V (AC/DC)
Temperature Rating:
-40ºC to 70ºC


Similar Part No. - 3R108

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3R1000R ETC1-3R1000R Datasheet
48Kb / 1P
SCHOTTKY RECTIERS SILICON RECTIFIER DIODES
3R100R ETC1-3R100R Datasheet
48Kb / 1P
SCHOTTKY RECTIERS SILICON RECTIFIER DIODES
More results

Similar Description - 3R108

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-2004-2-4-LP-FS-N-R ASSMANN-A-2004-2-4-LP-FS-N-R Datasheet
234Kb / 1P
MODULAR JACK, RJ45
A-2004-2-4-LPS-N-R ASSMANN-A-2004-2-4-LPS-N-R Datasheet
228Kb / 1P
MODULAR JACK, RJ45
logo
Red Lion Controls. Inc
7900CPU REDLION-7900CPU Datasheet
875Kb / 4P
Modular Industrial Switchwww
logo
Belden Inc.
RVAIP2UBK-B24 BELDEN-RVAIP2UBK-B24 Datasheet
267Kb / 2P
DataTuff Industrial REVConnect RJ45 Plug CAT6A UTP
RVAIP2SME-B24 BELDEN-RVAIP2SME-B24 Datasheet
272Kb / 2P
DataTuff Industrial REVConnect RJ45 Plug CAT6A STP
logo
3M Electronics
7071UV 3M-7071UV Datasheet
338Kb / 2P
3M Industrial Protective Film
Jan-2017
4799 3M-4799 Datasheet
128Kb / 4P
3M™ Industrial Adhesive 4799
Mar-2015
logo
HARTING Technology Grou...
09-45-400-1520 HARTING-09-45-400-1520 Datasheet
468Kb / 2P
Han-Modular RJ45 GL Cat6A plug 8p
09-45-400-1560 HARTING-09-45-400-1560 Datasheet
466Kb / 2P
Han-Modular RJ45 10G Cat6 plug 8p IDC
logo
Tripp Lite. All Rights ...
N232-050-UTP TRIPPLITE-N232-050-UTP Datasheet
57Kb / 2P
Cat6 RJ45 Pass-Through UTP Modular Plug, 50 Pack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com