Electronic Components Datasheet Search
  English  ▼

X  

PE44092 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44092
Description  Mini UHF Female Bulkhead Connector Solder Attachment Thru Hole PCB, .380 inch Diameter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44092 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44092 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44092 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Mini UHF Female Bulkhead Connector Solder Attachment Thru Hole PCB, .380 inch Diameter
Configuration
Connector
Mini UHF Female
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.819 [20.8]
Width/Dia., in [mm]
0.374 [9.50]
Height, in [mm]
0.374 [9.5]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
Mini UHF Female
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Mini UHF Female Bulkhead Connector Solder Attachment Thru Hole PCB, .380 inch Diameter from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Mini UHF Female Bulkhead Connector Solder Attachment Thru Hole PCB, .380 inch Diameter
PE44092
URL: http://www.pasternack.com/mini-uhf-female-standard-thru-hole-pcb-connector-pe44092-p.aspx
PE44092
PE44092 REV
Mini UHF Female Bulkhead Connector Solder
Attachment Thru Hole PCB, .380 inch Diameter


Similar Part No. - PE44092

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4409 PASTERNACK-PE4409 Datasheet
116Kb / 1P
SMA MALE RIGHT ANGLE SOLER ATTACHMENT FOR RG188-DS & RG315-DS
PE4409 PASTERNACK-PE4409 Datasheet
368Kb / 3P
SMA Male Right Angle Connector Solder Attachment
PE44090 PASTERNACK-PE44090 Datasheet
203Kb / 2P
Mini UHF Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE44091 PASTERNACK-PE44091 Datasheet
238Kb / 2P
Mini UHF Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .437 inch Hole Spacing
PE44093 PASTERNACK-PE44093 Datasheet
162Kb / 1P
SHV JACK BULKHEAD CLAMP ATTACHMENT FOR RG174 RG188 RG316
More results

Similar Description - PE44092

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4506 PASTERNACK-PE4506 Datasheet
228Kb / 3P
75 Ohm N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch Diameter
PE4193 PASTERNACK-PE4193 Datasheet
257Kb / 3P
MHV Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch DD HOLE
PE4872 PASTERNACK-PE4872 Datasheet
241Kb / 2P
RP SMA Female Bulkhead Connector Solder Attachment Thru Hole PCB, .250 inch Diameter
PE44087 PASTERNACK-PE44087 Datasheet
209Kb / 2P
Mini UHF Female Bulkhead Connector Crimp/Solder Attachment For RG58, .410 inch D Hole
PE44259 PASTERNACK-PE44259 Datasheet
212Kb / 2P
1.0-2.3 Jack Bulkhead Connector Solder Attachment Thru Hole PCB, .220 inch Diameter
PE4488 PASTERNACK-PE4488 Datasheet
870Kb / 2P
N Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .380 inch Diameter
PE44397 PASTERNACK-PE44397 Datasheet
224Kb / 2P
N Female Bulkhead Connector Solder Attachment Thru Hole PCB, .640 inch DD Hole
PE4524 PASTERNACK-PE4524 Datasheet
259Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Thru Hole PCB, .235 inch D Hole
PE4875 PASTERNACK-PE4875 Datasheet
367Kb / 3P
SMA Female Right Angle Bulkhead Mount Connector Solder Attachment Thru Hole PCB, .250 inch Diameter
PE44659 PASTERNACK-PE44659 Datasheet
222Kb / 3P
TNC Female Right Angle Connector Solder Attachment Thru Hole PCB, .380 inch x .083 inch Hole Spacing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com