Electronic Components Datasheet Search
  English  ▼

X  

74HCT138 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HCT138
Description  3-to-8 line decoder/demultiplexer; inverting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT138 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HCT138 Datasheet HTML 1Page - NXP Semiconductors 74HCT138 Datasheet HTML 2Page - NXP Semiconductors 74HCT138 Datasheet HTML 3Page - NXP Semiconductors 74HCT138 Datasheet HTML 4Page - NXP Semiconductors 74HCT138 Datasheet HTML 5Page - NXP Semiconductors 74HCT138 Datasheet HTML 6Page - NXP Semiconductors 74HCT138 Datasheet HTML 7Page - NXP Semiconductors 74HCT138 Datasheet HTML 8Page - NXP Semiconductors 74HCT138 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
74HC_HCT138
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 27 June 2012
2 of 19
NXP Semiconductors
74HC138; 74HCT138
3-to-8 line decoder/demultiplexer; inverting
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC138N
−40 °Cto+125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74HCT138N
74HC138D
−40 °Cto+125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74 HCT138D
74HC138DB
−40 °Cto+125 °C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74HCT138DB
74HC138PW
−40 °Cto+125 °C
TSSOP16
plastic thin shrink small outline package;
16 leads; body width 4.4 mm
SOT403-1
74HCT138PW
74HC138BQ
−40 °Cto+125 °C
DHVQFN16 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads;
16 terminals; body 2.5
× 3.5 × 0.85 mm
SOT763-1
74HCT138BQ
Fig 1.
Logic symbol
Fig 2.
Functional diagram
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
7
9
10
11
12
13
14
15
A0
A1
A2
3
2
1
6
5
4
E2
E1
E3
mna370
mna372
ENABLE
EXITING
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
7
9
10
11
12
13
14
15
A0
A1
A2
3-to-8
DECODER
3
2
1
6
5
4
E2
E1
E3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com