Electronic Components Datasheet Search
  English  ▼

X  

PE44108 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44108
Description  MHV Female Bulkhead Connector Crimp/Solder Attachment For RG58
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44108 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44108 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44108 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44108 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
MHV Female Bulkhead Connector Crimp/Solder Attachment For RG58
Configuration
Connector
MHV Female
Connector Specification
MIL-STD-348A
Connector Interface Type
RG58
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Dielectric Withstanding Voltage, Vrms
1,600
Mechanical Specifications
Size
Length, in [mm]
1.575 [40.01]
Width/Dia., in [mm]
0.688 [17.48]
.
Weight, lbs [g]
0.055 [24.95]
Connector
Type
MHV Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MHV Female Bulkhead Connector Crimp/Solder Attachment For RG58 PE44108
PE44108
PE44108 REV
MHV Female Bulkhead Connector Crimp/
Solder Attachment For RG58


Similar Part No. - PE44108

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4410 PASTERNACK-PE4410 Datasheet
221Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4410 PASTERNACK-PE4410 Datasheet
318Kb / 3P
SMA Male Right Angle Connector Solder Attachment
PE44100 PASTERNACK-PE44100 Datasheet
87Kb / 1P
MHV FEMALE CRIMP ATTACHMENT FOR RG55, RG141, RG142 RG223&RG400
PE44102 PASTERNACK-PE44102 Datasheet
212Kb / 2P
MHV Female Connector Crimp/Solder Attachment For RG58
PE44103 PASTERNACK-PE44103 Datasheet
220Kb / 2P
MHV Female Connector Crimp/Solder Attachment For RG59, RG62
More results

Similar Description - PE44108

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44058 PASTERNACK-PE44058 Datasheet
207Kb / 2P
UHF Female Connector Crimp/Solder Attachment For RG58
PE44110 PASTERNACK-PE44110 Datasheet
271Kb / 3P
MHV Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62
PE4093 PASTERNACK-PE4093 Datasheet
251Kb / 2P
MHV Male Connector Crimp/Solder Attachment For RG58
PE4420 PASTERNACK-PE4420 Datasheet
109Kb / 1P
SMA FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG58
PE4208 PASTERNACK-PE4208 Datasheet
83Kb / 1P
BNC FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG58
PE44102 PASTERNACK-PE44102 Datasheet
212Kb / 2P
MHV Female Connector Crimp/Solder Attachment For RG58
PE4070 PASTERNACK-PE4070 Datasheet
260Kb / 2P
BNC Female Connector Crimp/Solder Attachment For RG58
PE4458 PASTERNACK-PE4458 Datasheet
230Kb / 3P
TNC Female Connector Crimp - Solder Attachment For RG58
PE4312 PASTERNACK-PE4312_16 Datasheet
315Kb / 3P
MHV Female Bulkhead Mount Connector Solder Attachment
PE44103 PASTERNACK-PE44103 Datasheet
220Kb / 2P
MHV Female Connector Crimp/Solder Attachment For RG59, RG62
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com