Electronic Components Datasheet Search
  English  ▼

X  

PE4025 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4025
Description  SMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4025 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4025 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4025 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4025 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Male Right Angle Connector Solder Attachment
For PE-SR405AL, PE-SR405FL, RG405
SMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
Configuration
Connector
SMA Male
Connector Specification
MIL-STD-348A
Connector Interface Type
PE-SR405AL,PE-SR405FL,RG405
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 12.4
Impedance, Ohms
50
Maximum VSWR
1.23:1
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
750
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.65 [16.51]
Width/Dia., in [mm]
0.315 [8]
Height, in [mm]
0.441 [11.2]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
50µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100u in. minimum
Hex Size, in
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Stainless Steel, Gold
Body Plating Specification
30µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4025
PE4025
PE4025 REV


Similar Part No. - PE4025

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4025 PASTERNACK-PE4025 Datasheet
393Kb / 3P
SMA Male Right Angle Connector Solder Attachment
PE4025 PASTERNACK-PE4025_17 Datasheet
393Kb / 3P
SMA Male Right Angle Connector Solder Attachment
More results

Similar Description - PE4025

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44384 PASTERNACK-PE44384 Datasheet
222Kb / 3P
SSMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4791 PASTERNACK-PE4791 Datasheet
258Kb / 2P
RP SMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4005 PASTERNACK-PE4005 Datasheet
273Kb / 3P
SMA Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4116 PASTERNACK-PE4116 Datasheet
213Kb / 2P
SMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4649 PASTERNACK-PE4649 Datasheet
231Kb / 3P
TNC Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4779 PASTERNACK-PE4779 Datasheet
208Kb / 2P
RP SMA Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44692 PASTERNACK-PE44692 Datasheet
1Mb / 3P
SMA Male Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44495 PASTERNACK-PE44495 Datasheet
209Kb / 2P
QMA Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44497 PASTERNACK-PE44497 Datasheet
372Kb / 3P
QMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE45239 PASTERNACK-PE45239 Datasheet
680Kb / 3P
BNC Male Right Angle Connector Solder Attachment for PE-SR405AL, PE-SR405FL, RG405
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com