Electronic Components Datasheet Search
  English  ▼

X  

PE4105 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4105
Description  3/4 inch-20 Twinax Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .720 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4105 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4105 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4105 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
3/4 inch-20 Twinax Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .720 inch D
Hole
Configuration
Connector
3/4”-20 Twinax Female
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
95
Mechanical Specifications
Size
Length, in [mm]
1.537 [39.04]
Width/Dia., in [mm]
0.945 [24.00]
.
Weight, lbs [g]
0.096 [43.54]
Connector
Type
3/4”-20 Twinax Female
Contact Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PBT
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
3/4 inch-20 Twinax Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .720 inch D Hole from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain
a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3/4 inch-20 Twinax Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .720
inch D Hole PE4105
URL: http://www.pasternack.com/3-4-inch-20-female-standard-solder-cup-terminal-connector-pe4105-p.aspx
PE4105
PE4105 REV
3/4 inch-20 Twinax Female Bulkhead Connector Solder
Attachment Solder Cup Terminal, .720 inch D Hole


Similar Part No. - PE4105

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4105 PASTERNACK-PE4105 Datasheet
318Kb / 3P
3/4 inch-20 Twinax Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
logo
Pan Jit International I...
PE4105C1ES PANJIT-PE4105C1ES Datasheet
147Kb / 5P
HI-SURGE ESD PROTECTION
April 30,2018-REV.00
PE4105C1ES_R1_00001 PANJIT-PE4105C1ES_R1_00001 Datasheet
147Kb / 5P
HI-SURGE ESD PROTECTION
April 30,2018-REV.00
PE4105C2A PANJIT-PE4105C2A Datasheet
158Kb / 5P
HI-SURGE ESD PROTECTION
April 30,2018-REV.00
PE4105C2A_R1_00001 PANJIT-PE4105C2A_R1_00001 Datasheet
158Kb / 5P
HI-SURGE ESD PROTECTION
April 30,2018-REV.00
More results

Similar Description - PE4105

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4240 PASTERNACK-PE4240 Datasheet
241Kb / 2P
C Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .720 inch D Hole
PE4972 PASTERNACK-PE4972 Datasheet
258Kb / 3P
C Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .720 inch D Hole, High Voltage
PE4347 PASTERNACK-PE4347 Datasheet
554Kb / 2P
3/4 inch-20 Twinax Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4238 PASTERNACK-PE4238 Datasheet
254Kb / 2P
BNC Twinax Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE44393 PASTERNACK-PE44393 Datasheet
221Kb / 3P
SSMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
PE4014 PASTERNACK-PE4014 Datasheet
251Kb / 2P
BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4015 PASTERNACK-PE4015 Datasheet
263Kb / 3P
BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4971 PASTERNACK-PE4971 Datasheet
223Kb / 3P
C Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .720 inch D Hole
PE4105 PASTERNACK-PE4105_16 Datasheet
318Kb / 3P
3/4 inch-20 Twinax Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4347 PASTERNACK-PE4347_16 Datasheet
325Kb / 3P
3/4 inch-20 Twinax Female Connector Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com