Electronic Components Datasheet Search
  English  ▼

X  

PE4257 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4257
Description  75 Ohm SMB Plug Connector Clamp/Solder Attachment For RG179, RG187
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4257 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4257 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4257 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMB Plug Connector Clamp/Solder Attachment For RG179, RG187
Configuration
Connector
SMB Plug
Connector Specification
MIL-C-39012
Connector Interface Type
RG179,RG187
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.75 [19.05]
Width/Dia., in [mm]
0.362 [9.19]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMB Plug
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm SMB Plug Connector Clamp/Solder Attachment For RG179, RG187 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMB Plug Connector Clamp/Solder Attachment For RG179, RG187 PE4257
URL: http://www.pasternack.com/smb-plug-standard-rg179-rg187-connector-pe4257-p.aspx
PE4257
PE4257 REV
75 Ohm SMB Plug Connector Clamp/Solder
Attachment For RG179, RG187


Similar Part No. - PE4257

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4257 PEREGRINE-PE4257 Datasheet
222Kb / 7P
50 짰SPDT Absorptive UltraCMOS DC - 3.0 GHz RF Switch
logo
Peregrine Semiconductor
PE4257 PSEMI-PE4257 Datasheet
300Kb / 7P
SPDT Absorptive UltraCMOS DC??.0 GHz RF Switch
logo
Peregrine Semiconductor...
PE4257 PEREGRINE-PE4257 Datasheet
300Kb / 7P
50 廓 SPDT Absorptive UltraCMOS
logo
Pasternack Enterprises,...
PE4257 PASTERNACK-PE4257 Datasheet
317Kb / 3P
75 Ohm SMB Plug Connector Clamp/Solder Attachment
logo
Peregrine Semiconductor...
PE4257-EK PEREGRINE-PE4257-EK Datasheet
222Kb / 7P
50 짰SPDT Absorptive UltraCMOS DC - 3.0 GHz RF Switch
More results

Similar Description - PE4257

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4615 PASTERNACK-PE4615 Datasheet
207Kb / 2P
75 Ohm BNC Female Connector Clamp/Solder Attachment For RG179, RG187
PE44443 PASTERNACK-PE44443 Datasheet
838Kb / 2P
75 Ohm SMB Positive Snap Plug Connector Crimp/Solder Attachment For RG179, RG187
PE4928 PASTERNACK-PE4928 Datasheet
254Kb / 2P
75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG179, RG187
PE4995 PASTERNACK-PE4995 Datasheet
217Kb / 2P
75 Ohm Mini SMB Plug Right Angle Connector Crimp/Solder Attachment For RG179, RG187
PE4248 PASTERNACK-PE4248 Datasheet
250Kb / 1P
75 Ohm SMB Plug Connector Crimp/Solder Attachment For RG179,RG187
PE4603 PASTERNACK-PE4603 Datasheet
286Kb / 2P
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG179, RG187
PE4259 PASTERNACK-PE4259 Datasheet
307Kb / 2P
75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG179, RG187
PE4929 PASTERNACK-PE4929 Datasheet
207Kb / 2P
75 Ohm SMC Jack Connector Clamp/Solder Attachment For RG179, RG187
PE4906 PASTERNACK-PE4906 Datasheet
312Kb / 2P
75 Ohm SMC Jack Bulkhead Connector Clamp - Solder Attachment For RG179, RG187
PE44872 PASTERNACK-PE44872 Datasheet
253Kb / 3P
75 Ohm SMB Jack Connector Crimp-Solder Attachment For RG179, RG187
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com