Electronic Components Datasheet Search
  English  ▼

X  

PE4307 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4307
Description  BNC Male Right Angle Connector Clamp/Solder Attachment For RG174, RG316, RG188
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4307 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4307 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4307 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
BNC Male Right Angle Connector Clamp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
BNC Male
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.48 [37.59]
Width/Dia., in [mm]
0.57 [14.48]
Height, in [mm]
1.03 [26.16]
.
Weight, lbs [g]
0.068 [30.84]
Connector
Type
BNC Male
Contact Material and Plating
Silver
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
BNC Male Right Angle Connector Clamp/Solder Attachment For RG174, RG316, RG188 from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Male Right Angle Connector Clamp/Solder Attachment For RG174, RG316, RG188 PE4307
URL: http://www.pasternack.com/bnc-male-standard-rg174-rg316-rg188-connector-pe4307-p.aspx
PE4307
PE4307 REV
BNC Male Right Angle Connector Clamp/Solder
Attachment For RG174, RG316, RG188


Similar Part No. - PE4307

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4307 PEREGRINE-PE4307 Datasheet
547Kb / 11P
75 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 2.0 GHz
logo
Peregrine Semiconductor
PE4307 PSEMI-PE4307 Datasheet
441Kb / 11P
RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4307 PEREGRINE-PE4307 Datasheet
441Kb / 11P
75廓 RF Digital Attenuator
logo
Pasternack Enterprises,...
PE4307 PASTERNACK-PE4307 Datasheet
415Kb / 3P
BNC Male Right Angle Connector Clamp/Solder Attachment
logo
Peregrine Semiconductor...
PE4307-EK PEREGRINE-PE4307-EK Datasheet
547Kb / 11P
75 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 2.0 GHz
More results

Similar Description - PE4307

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4393 PASTERNACK-PE4393 Datasheet
300Kb / 2P
BNC Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4710 PASTERNACK-PE4710 Datasheet
98Kb / 1P
MHV MALE RIGHT ANGLE CLAMP ATTACHMENT FOR RG174, RG188 &RG316
PE44401 PASTERNACK-PE44401 Datasheet
115Kb / 1P
SSMA MALE RIGHT ANGLE SOLDER ATTACHMENT FOR RG174 RG188 &RG316
PE4043 PASTERNACK-PE4043 Datasheet
325Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4784 PASTERNACK-PE4784 Datasheet
221Kb / 3P
RP SMA Male Right Angle Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE4084 PASTERNACK-PE4084 Datasheet
293Kb / 3P
BNC Male Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE4719 PASTERNACK-PE4719 Datasheet
218Kb / 2P
RP BNC Male Connector Clamp-Solder Attachment For RG174, RG316, RG188
PE4733 PASTERNACK-PE4733 Datasheet
225Kb / 2P
RP BNC Male Right Angle Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4026 PASTERNACK-PE4026 Datasheet
252Kb / 2P
SMA Male Connector Clamp-Solder Attachment For RG174, RG316, RG188
PE4028 PASTERNACK-PE4028 Datasheet
460Kb / 3P
SMA Male Right Angle Connector Clamp-Solder Attachment For RG316, RG174, RG188
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com