Electronic Components Datasheet Search
  English  ▼

X  

PE4342 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4342
Description  Mini UHF Male Connector Crimp/Solder Attachment For RG58
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4342 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4342 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4342 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Mini UHF Male Connector Crimp/Solder Attachment For RG58
Mini UHF Male Connector Crimp/Solder Attachment For RG58
Configuration
Connector
Mini UHF Male
Connector Interface Type
RG58
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.098 [27.89]
Width/Dia., in [mm]
0.452 [11]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
Mini UHF Male
Contact Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/mini-uhf-male-standard-rg58-connector-pe4342-p.aspx
Mini UHF Male Connector Crimp/Solder Attachment For RG58 from Pasternack Enterprises has same day shipment for
domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF, microwave and
fiber optic products.
PE4342
PE4342 REV


Similar Part No. - PE4342

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4342 PASTERNACK-PE4342 Datasheet
357Kb / 3P
Mini UHF Male Connector Crimp/Solder Attachment
PE4342 PASTERNACK-PE4342_16 Datasheet
357Kb / 3P
Mini UHF Male Connector Crimp/Solder Attachment
More results

Similar Description - PE4342

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44058 PASTERNACK-PE44058 Datasheet
207Kb / 2P
UHF Female Connector Crimp/Solder Attachment For RG58
PE4093 PASTERNACK-PE4093 Datasheet
251Kb / 2P
MHV Male Connector Crimp/Solder Attachment For RG58
PE4381 PASTERNACK-PE4381 Datasheet
244Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG58 Plenum
PE44084 PASTERNACK-PE44084 Datasheet
205Kb / 2P
Mini UHF Female Connector Crimp/Solder Attachment For RG58
PE4069 PASTERNACK-PE4069 Datasheet
252Kb / 2P
UHF Male Connector Crimp/Solder Attachment For RG58
PE44082 PASTERNACK-PE44082 Datasheet
261Kb / 2P
Mini UHF Male Right Angle Connector Crimp - Solder Attachment For RG58
PE4215 PASTERNACK-PE4215 Datasheet
262Kb / 3P
SMA Male Connector Crimp - Solder Attachment For RG58
PE4156 PASTERNACK-PE4156 Datasheet
268Kb / 3P
TNC Male Connector Crimp - Solder Attachment For RG58
PE4342 PASTERNACK-PE4342_16 Datasheet
357Kb / 3P
Mini UHF Male Connector Crimp/Solder Attachment
PE44479 PASTERNACK-PE44479 Datasheet
82Kb / 1P
MINI UHF MALE, PUSH ON, CRIMP ATTACHMENT FOR RG58
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com