Electronic Components Datasheet Search
  English  ▼

X  

PE4637 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4637
Description  75 Ohm BNC Female Bulkhead Connector Clamp/ Solder Attachment For RG59, .480 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4637 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4637 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4637 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4637 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm BNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, .480 inch D Hole
Configuration
Connector
BNC Female
Connector Specification
MIL-C-39012
Connector Interface Type
RG59
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.15 [29.21]
Width/Dia., in [mm]
0.688 [17.48]
.
Weight, lbs [g]
0.055 [24.95]
Connector
Type
BNC Female
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, .480 inch D
Hole PE4637
PE4637
PE4637 REV
75 Ohm BNC Female Bulkhead Connector Clamp/
Solder Attachment For RG59, .480 inch D Hole


Similar Part No. - PE4637

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4630 PASTERNACK-PE4630 Datasheet
214Kb / 2P
75 Ohm BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE4631 PASTERNACK-PE4631 Datasheet
217Kb / 3P
75 Ohm BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4632 PASTERNACK-PE4632 Datasheet
241Kb / 3P
BNC Female Bulkhead Connector Clamp - Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393, .480 inch D Hole
PE4633 PASTERNACK-PE4633 Datasheet
222Kb / 3P
75 Ohm BNC Male Connector Crimp/ Solder Attachment For PE-B150
PE4634 PASTERNACK-PE4634 Datasheet
245Kb / 2P
75 Ohm BNC Male Connector Crimp/ Solder Attachment For PE-B305
More results

Similar Description - PE4637

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44175 PASTERNACK-PE44175 Datasheet
357Kb / 2P
75 Ohm TNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, .480 inch D Hole
PE4635 PASTERNACK-PE4635 Datasheet
282Kb / 3P
75 Ohm BNC Female Bulkhead Connector Clamp/ Solder Attachment For RG6, .480 inch D Hole
PE4636 PASTERNACK-PE4636 Datasheet
267Kb / 2P
75 Ohm BNC Female Bulkhead Connector Clamp/Solder Attachment For RG11, RG216, .480 inch D Hole
PE4310 PASTERNACK-PE4310 Datasheet
228Kb / 3P
BNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4749 PASTERNACK-PE4749 Datasheet
273Kb / 2P
RP BNC Female Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE44173 PASTERNACK-PE44173 Datasheet
240Kb / 3P
75 Ohm TNC Female Bulkhead Connector Clamp/ Solder Attachment For RG6, .480 inch D Hole
PE4516 PASTERNACK-PE4516 Datasheet
214Kb / 2P
75 Ohm N Female Connector Clamp/Solder Attachment For RG59, RG62, .480 inch D Hole
PE4613 PASTERNACK-PE4613 Datasheet
222Kb / 2P
75 Ohm BNC Female Connector Clamp/ Solder Attachment For RG59
PE4638 PASTERNACK-PE4638 Datasheet
217Kb / 2P
75 Ohm BNC Female Bulkhead Connector Crimp - Solder Attachment For RG59, .480 inch D Hole
PE4464 PASTERNACK-PE4464 Datasheet
228Kb / 3P
TNC Female Bulkhead Connector Clamp - Solder Attachment For RG59, RG62, .480 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com