Electronic Components Datasheet Search
  English  ▼

X  

PE4647 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4647
Description  N Male Connector Crimp/Solder Attachment For RG178, RG196, .480 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4647 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4647 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4647 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4647 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Male Connector Crimp/Solder Attachment For RG178, RG196, .480 inch D Hole
Configuration
Connector
N Male
Connector Specification
MIL-STD-348
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 6
Impedance, Ohms
50
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.275 [32.39]
Width/Dia., in [mm]
0.8 [20.32]
.
Weight, lbs [g]
0.075 [34.02]
Connector
Type
N Male
Contact Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male Connector Crimp/Solder Attachment For RG178, RG196, .480 inch D Hole PE4647
PE4647
PE4647 REV
N Male Connector Crimp/Solder Attachment
For RG178, RG196, .480 inch D Hole


Similar Part No. - PE4647

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4640 PASTERNACK-PE4640 Datasheet
322Kb / 3P
75 Ohm BNC Female Bulkhead Connector Crimp - Solder Attachment For RG179, RG187, .480 inch D Hole
PE4641 PASTERNACK-PE4641 Datasheet
218Kb / 2P
75 Ohm BNC Female Bulkhead Connector Crimp - Solder Attachment For PE-B150, .480 inch D Hole
PE4642 PASTERNACK-PE4642 Datasheet
212Kb / 2P
75 Ohm BNC Female Bulkhead Connector Crimp/ Solder Attachment For PE-B305, .480 inch D Hole
PE4643 PASTERNACK-PE4643 Datasheet
291Kb / 3P
BNC Male Connector Crimp - Solder Attachment For RG178, RG196
PE4644 PASTERNACK-PE4644 Datasheet
289Kb / 3P
Mini UHF Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole, Rear Mount
More results

Similar Description - PE4647

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44352 PASTERNACK-PE44352 Datasheet
214Kb / 2P
10-32 Male Connector Crimp/Solder Attachment For RG178, RG196
PE44381 PASTERNACK-PE44381 Datasheet
274Kb / 3P
SSMA Male Connector Crimp/Solder Attachment For RG178, RG196
PE4886 PASTERNACK-PE4886 Datasheet
262Kb / 3P
MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .177 inch D Hole
PE4337 PASTERNACK-PE4337 Datasheet
226Kb / 3P
SSMB Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .126 inch D Hole
PE44389 PASTERNACK-PE44389 Datasheet
215Kb / 2P
SSMA Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .177 inch D Hole
PE44185 PASTERNACK-PE44185 Datasheet
231Kb / 3P
RT SMA Male Connector Crimp/Solder Attachment For RG178, RG196
PE4643 PASTERNACK-PE4643 Datasheet
291Kb / 3P
BNC Male Connector Crimp - Solder Attachment For RG178, RG196
PE44658 PASTERNACK-PE44658 Datasheet
219Kb / 2P
BNC Female Bulkhead Connector Crimp-Solder Attachment For RG178, RG196, .480 inch D Hole
PE4398 PASTERNACK-PE4398 Datasheet
401Kb / 3P
SMA Male Connector Crimp - Solder Attachment For RG178, RG196
PE4774 PASTERNACK-PE4774 Datasheet
210Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG178, RG196
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com