Electronic Components Datasheet Search
  English  ▼

X  

PE4655 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4655
Description  N Female Bulkhead Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .640 inch DD Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4655 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4655 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4655 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4655 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Female Bulkhead Precision Connector Solder Attachment
For PE-SR405AL, PE-SR405FL, RG405, .640 inch DD Hole
N Female Bulkhead Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405,
.640 inch DD Hole
Configuration
Connector
N Female
Connector Specification
MIL-STD-348A
Connector Interface Type
PE-SR405AL,PE-SR405FL,RG405
Cable Attachment Method (Shield/Contact)
Solder/Solder
Connector Design
Precision
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.26 [32]
Width/Dia., in [mm]
0.825 [21]
.
Weight, lbs [g]
0.096 [43.54]
Connector
Type
N Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
3µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Bulkhead Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL,
RG405, .640 inch DD Hole PE4655
PE4655
PE4655 REV


Similar Part No. - PE4655

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4650 PASTERNACK-PE4650 Datasheet
229Kb / 3P
BNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4651 PASTERNACK-PE4651 Datasheet
229Kb / 3P
BNC Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4652 PASTERNACK-PE4652 Datasheet
225Kb / 3P
N Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4653 PASTERNACK-PE4653 Datasheet
321Kb / 3P
N Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4654 PASTERNACK-PE4654 Datasheet
292Kb / 3P
N Female Bulkhead Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .640 inch DD Hole
More results

Similar Description - PE4655

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4443 PASTERNACK-PE4443 Datasheet
124Kb / 1P
N FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE4653 PASTERNACK-PE4653 Datasheet
321Kb / 3P
N Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4222 PASTERNACK-PE4222 Datasheet
264Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4119 PASTERNACK-PE4119 Datasheet
292Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
PE4149 PASTERNACK-PE4149 Datasheet
95Kb / 1P
TNC FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE44704 PASTERNACK-PE44704 Datasheet
847Kb / 2P
N Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44706 PASTERNACK-PE44706 Datasheet
866Kb / 3P
N Female Bulkhead Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44694 PASTERNACK-PE44694 Datasheet
871Kb / 2P
SMA Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44696 PASTERNACK-PE44696 Datasheet
910Kb / 3P
SMA Female Bulkhead Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44714 PASTERNACK-PE44714 Datasheet
237Kb / 3P
TNC Female Bulkhead Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com