Electronic Components Datasheet Search
  English  ▼

X  

PE4658 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4658
Description  75 Ohm SMC Plug Connector Crimp/ Solder Attachment For RG59, RG62
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4658 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4658 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4658 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4658 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMC Plug Connector Crimp/
Solder Attachment For RG59, RG62
75 Ohm SMC Plug Connector Crimp/Solder Attachment For RG59, RG62
Configuration
Connector
SMC Plug
Connector Interface Type
RG59,RG62
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 2
Impedance, Ohms
75
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
750
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.87 [22.1]
Width/Dia., in [mm]
0.375 [10]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMC Plug
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
3/8
Torque, in-lbs [Nm]
3 [0.34]
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMC Plug Connector Crimp/Solder Attachment For RG59, RG62 PE4658
PE4658
PE4658 REV


Similar Part No. - PE4658

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4650 PASTERNACK-PE4650 Datasheet
229Kb / 3P
BNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4651 PASTERNACK-PE4651 Datasheet
229Kb / 3P
BNC Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4652 PASTERNACK-PE4652 Datasheet
225Kb / 3P
N Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4653 PASTERNACK-PE4653 Datasheet
321Kb / 3P
N Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4654 PASTERNACK-PE4654 Datasheet
292Kb / 3P
N Female Bulkhead Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .640 inch DD Hole
More results

Similar Description - PE4658

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4266 PASTERNACK-PE4266 Datasheet
830Kb / 2P
75 Ohm SMC Plug Right Angle Connector Clamp/ Solder Attachment For RG59, RG62
PE4203 PASTERNACK-PE4203 Datasheet
263Kb / 2P
75 Ohm SMB Plug Connector Clamp/ Solder Attachment For RG59, RG62
PE4258 PASTERNACK-PE4258 Datasheet
272Kb / 3P
75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG59, RG62
PE4996 PASTERNACK-PE4996 Datasheet
260Kb / 2P
75 Ohm Mini SMB Plug Right Angle Connector Crimp/Solder Attachment For RG59, RG62
PE4472 PASTERNACK-PE4472 Datasheet
280Kb / 2P
75 Ohm SMB Plug Connector Crimp/ Solder Attachment For RG59, RG62
PE4512 PASTERNACK-PE4512 Datasheet
259Kb / 2P
75 Ohm N Male Connector Crimp/Solder Attachment For RG59, RG62
PE4274 PASTERNACK-PE4274 Datasheet
207Kb / 2P
75 Ohm SMC Jack Connector Clamp/Solder Attachment For RG59, RG62
PE44325 PASTERNACK-PE44325 Datasheet
213Kb / 2P
75 Ohm F Female Bulkhead Connector Crimp/ Solder Attachment For RG59, RG62
PE44442 PASTERNACK-PE44442 Datasheet
206Kb / 2P
75 Ohm SMB Positive Snap Plug Connector Crimp - Solder Attachment For RG59, RG62
PE44316 PASTERNACK-PE44316 Datasheet
377Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment for RG59, RG62, RG71
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com