Electronic Components Datasheet Search
  English  ▼

X  

PE4661 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4661
Description  RP TNC Male Connector Crimp/Solder Attachment For RG214, RG9
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4661 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4661 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4661 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4661 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
RP TNC Male Connector Crimp/Solder Attachment For RG214, RG9
Configuration
Connector
TNC Male Reverse Polarity
Connector Specification
MIL-C-39012
Connector Interface Type
RG214,RG9
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.375 [34.93]
Width/Dia., in [mm]
0.59 [14.99]
.
Weight, lbs [g]
0.048 [21.77]
Connector
Type
TNC Male Reverse Polarity
Contact Material and Plating
Brass, Gold
Contact Plating Specification
3µ-5µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
70µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
70µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP TNC Male Connector Crimp/Solder Attachment For RG214, RG9 PE4661
PE4661
PE4661 REV
RP TNC Male Connector Crimp/Solder
Attachment For RG214, RG9


Similar Part No. - PE4661

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4660 PASTERNACK-PE4660 Datasheet
111Kb / 1P
REVERSE POLARITY TNC MALE CRIMP ATTACHMENT FOR RG213
PE4662 PASTERNACK-PE4662 Datasheet
317Kb / 3P
RP TNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4663 PASTERNACK-PE4663 Datasheet
222Kb / 3P
RP TNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4664 PASTERNACK-PE4664 Datasheet
108Kb / 1P
REVERSE POLARITY TNC MALE CRIMP ATTACHMENT FOR RG58
PE4665 PASTERNACK-PE4665 Datasheet
363Kb / 3P
RF Connectors Technical Data Sheet
More results

Similar Description - PE4661

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4232 PASTERNACK-PE4232 Datasheet
267Kb / 3P
SC Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4474 PASTERNACK-PE4474 Datasheet
263Kb / 2P
HN Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4447 PASTERNACK-PE4447 Datasheet
256Kb / 3P
TNC Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4375 PASTERNACK-PE4375 Datasheet
247Kb / 2P
C Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4351 PASTERNACK-PE4351 Datasheet
261Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4713 PASTERNACK-PE4713 Datasheet
208Kb / 2P
RP BNC Male Connector Crimp/Solder Attachment For RG214, RG9
PE4659 PASTERNACK-PE4659 Datasheet
235Kb / 3P
RP TNC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE44477 PASTERNACK-PE44477 Datasheet
204Kb / 2P
RP N Female Connector Crimp-Solder Attachment For RG214, RG9, RG225, RG393
PE4675 PASTERNACK-PE4675 Datasheet
280Kb / 3P
RP TNC Male Right Angle Connector Clamp - Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4350 PASTERNACK-PE4350 Datasheet
244Kb / 2P
MHV Male Connector Crimp - Solder Attachment For RG214, RG9
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com