Electronic Components Datasheet Search
  English  ▼

X  

PE4668 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4668
Description  RP TNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4668 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4668 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4668 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP TNC Male Connector Crimp/Solder
Attachment For RG174, RG316, RG188
RP TNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
TNC Male Reverse Polarity
Connector Specification
Mil-C-39012
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.23 [31.24]
Width/Dia., in [mm]
0.59 [15]
.
Weight, lbs [g]
0.034 [15.42]
Connector
Type
TNC Male Reverse Polarity
Contact Material and Plating
Brass, Gold
Contact Plating Specification
3µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
70µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP TNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP TNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188 PE4668
URL:
http://www.pasternack.com/tnc-male-reverse-polarity-rg174-rg316-rg188-connector-pe4668-p.aspx
PE4668
PE4668 REV


Similar Part No. - PE4668

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4660 PASTERNACK-PE4660 Datasheet
111Kb / 1P
REVERSE POLARITY TNC MALE CRIMP ATTACHMENT FOR RG213
PE4661 PASTERNACK-PE4661 Datasheet
299Kb / 3P
RP TNC Male Connector Crimp/Solder Attachment For RG214, RG9
PE4662 PASTERNACK-PE4662 Datasheet
317Kb / 3P
RP TNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4663 PASTERNACK-PE4663 Datasheet
222Kb / 3P
RP TNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4664 PASTERNACK-PE4664 Datasheet
108Kb / 1P
REVERSE POLARITY TNC MALE CRIMP ATTACHMENT FOR RG58
More results

Similar Description - PE4668

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4681 PASTERNACK-PE4681 Datasheet
318Kb / 3P
RP TNC Male Right Angle Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4690 PASTERNACK-PE4690 Datasheet
314Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4720 PASTERNACK-PE4720 Datasheet
274Kb / 2P
RP BNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4797 PASTERNACK-PE4797 Datasheet
220Kb / 2P
RP SMA Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4462 PASTERNACK-PE4462 Datasheet
300Kb / 2P
TNC Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4733 PASTERNACK-PE4733 Datasheet
225Kb / 2P
RP BNC Male Right Angle Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4742 PASTERNACK-PE4742 Datasheet
219Kb / 2P
RP BNC Female Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE44369 PASTERNACK-PE44369 Datasheet
221Kb / 3P
RP MCX Plug Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4771 PASTERNACK-PE4771 Datasheet
213Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4455 PASTERNACK-PE4455 Datasheet
213Kb / 2P
TNC Male Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com