Electronic Components Datasheet Search
  English  ▼

X  

PE4672 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4672
Description  REVERSE POLARITY TNC MALE SOLDER/CLAMP ATTACHMENT FOR RG405, PE-SR405AL & PE-SR405FL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4672 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4672 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE4672

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4670 PASTERNACK-PE4670 Datasheet
125Kb / 1P
REVERSE POLARITY TNC MALE SOLDER/CLAMP ATTACHMENT FRO RG402, PE-SR402AL & PE-SR402FL
PE4671 PASTERNACK-PE4671 Datasheet
309Kb / 3P
RP TNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4673 PASTERNACK-PE4673 Datasheet
310Kb / 3P
RP TNC Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4674 PASTERNACK-PE4674 Datasheet
217Kb / 2P
RP TNC Male Connector Clamp - Solder Attachment For PE-B400, PE-B405
PE4675 PASTERNACK-PE4675 Datasheet
280Kb / 3P
RP TNC Male Right Angle Connector Clamp - Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
More results

Similar Description - PE4672

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4703 PASTERNACK-PE4703 Datasheet
97Kb / 1P
REVERSE POLARITY TNC FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE4725 PASTERNACK-PE4725 Datasheet
95Kb / 1P
REVERSE POLARITY BNC MALE SOLDER ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE4982 PASTERNACK-PE4982 Datasheet
280Kb / 2P
3.5mm Male Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44336 PASTERNACK-PE44336 Datasheet
261Kb / 3P
1.85mm Male Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4142 PASTERNACK-PE4142 Datasheet
104Kb / 1P
TNC MALE, SOLDER/CLAMP ATTACHMENT FOR RG405, PE-SR405AL & PE-SR405FL
PE4149 PASTERNACK-PE4149 Datasheet
95Kb / 1P
TNC FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE4649 PASTERNACK-PE4649 Datasheet
231Kb / 3P
TNC Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4693 PASTERNACK-PE4693 Datasheet
125Kb / 1P
REVERSE POLARITY TNC FEMALE SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL PE-SR405FL
PE4673 PASTERNACK-PE4673 Datasheet
310Kb / 3P
RP TNC Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44345 PASTERNACK-PE44345 Datasheet
588Kb / 3P
2.4mm Male Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com