Electronic Components Datasheet Search
  English  ▼

X  

PE4679 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4679
Description  RP TNC Male Right Angle Connector Clamp/ Solder Attachment For RG59, RG62
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4679 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4679 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4679 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP TNC Male Right Angle Connector Clamp/Solder Attachment For RG59, RG62
Configuration
Connector
TNC Male Reverse Polarity
Connector Interface Type
RG59,RG62
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.6 [40.64]
Width/Dia., in [mm]
0.59 [14.99]
Height, in [mm]
1.143 [29.03]
.
Weight, lbs [g]
0.089 [40.37]
Connector
Type
TNC Male Reverse Polarity
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP TNC Male Right Angle Connector Clamp/Solder Attachment For RG59, RG62 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP TNC Male Right Angle Connector Clamp/Solder Attachment For RG59, RG62 PE4679
URL: http://www.pasternack.com/tnc-male-reverse-polarity-rg59-rg62-connector-pe4679-p.aspx
PE4679
PE4679 REV
RP TNC Male Right Angle Connector Clamp/
Solder Attachment For RG59, RG62


Similar Part No. - PE4679

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4670 PASTERNACK-PE4670 Datasheet
125Kb / 1P
REVERSE POLARITY TNC MALE SOLDER/CLAMP ATTACHMENT FRO RG402, PE-SR402AL & PE-SR402FL
PE4671 PASTERNACK-PE4671 Datasheet
309Kb / 3P
RP TNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4672 PASTERNACK-PE4672 Datasheet
125Kb / 1P
REVERSE POLARITY TNC MALE SOLDER/CLAMP ATTACHMENT FOR RG405, PE-SR405AL & PE-SR405FL
PE4673 PASTERNACK-PE4673 Datasheet
310Kb / 3P
RP TNC Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4674 PASTERNACK-PE4674 Datasheet
217Kb / 2P
RP TNC Male Connector Clamp - Solder Attachment For PE-B400, PE-B405
More results

Similar Description - PE4679

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4688 PASTERNACK-PE4688 Datasheet
301Kb / 2P
RP TNC Female Connector Clamp/Solder Attachment For RG59, RG62
PE4731 PASTERNACK-PE4731 Datasheet
265Kb / 2P
RP BNC Male Right Angle Connector Clamp/ Solder Attachment For RG59, RG62
PE4227 PASTERNACK-PE4227 Datasheet
317Kb / 2P
MHV Male Right Angle Connector Clamp/Solder Attachment For RG59, RG62
PE4687 PASTERNACK-PE4687 Datasheet
285Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG59, RG62
PE4717 PASTERNACK-PE4717 Datasheet
261Kb / 2P
RP BNC Male Connector Clamp/Solder Attachment For RG59, RG62
PE4740 PASTERNACK-PE4740 Datasheet
260Kb / 2P
RP BNC Female Connector Clamp/Solder Attachment For RG59, RG62
PE4154 PASTERNACK-PE4154 Datasheet
225Kb / 3P
TNC Male Connector Clamp/Solder Attachment For RG59, RG62
PE4320 PASTERNACK-PE4320 Datasheet
206Kb / 2P
BNC Male Right Angle Connector Clamp - Solder Attachment For RG59, RG62
PE4452 PASTERNACK-PE4452 Datasheet
206Kb / 2P
TNC Male Right Angle Connector Clamp - Solder Attachment For RG59, RG62
PE4453 PASTERNACK-PE4453 Datasheet
209Kb / 2P
TNC Male Right Angle Connector Crimp - Solder Attachment For RG59, RG62
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com