Electronic Components Datasheet Search
  English  ▼

X  

PE4687 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4687
Description  RP TNC Female Connector Crimp/Solder Attachment For RG59, RG62
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4687 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4687 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4687 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP TNC Female Connector Crimp/Solder Attachment For RG59, RG62
Configuration
Connector
TNC Female Reverse Polarity
Connector Interface Type
RG59,RG62
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.43 [36.32]
Width/Dia., in [mm]
0.57 [14.48]
.
Weight, lbs [g]
0.034 [15.42]
Connector
Type
TNC Female Reverse Polarity
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP TNC Female Connector Crimp/Solder Attachment For RG59, RG62 from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP TNC Female Connector Crimp/Solder Attachment For RG59, RG62 PE4687
URL: http://www.pasternack.com/tnc-female-reverse-polarity-rg59-rg62-connector-pe4687-p.aspx
PE4687
PE4687 REV
RP TNC Female Connector Crimp/Solder
Attachment For RG59, RG62


Similar Part No. - PE4687

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4680 PASTERNACK-PE4680 Datasheet
121Kb / 1P
REVERSE POLARITY TNC MALE RIGHT ANGLE CLAMP ATTACHMENT FOR RG174 RG188 &RG316
PE4681 PASTERNACK-PE4681 Datasheet
318Kb / 3P
RP TNC Male Right Angle Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4682 PASTERNACK-PE4682 Datasheet
122Kb / 1P
REVERSE POLARITY TNC MALE RIGHT ANGLE CLAMP ATTACHMENT FOR RG178 & RG196
PE4683 PASTERNACK-PE4683 Datasheet
206Kb / 2P
RP TNC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4684 PASTERNACK-PE4684 Datasheet
233Kb / 2P
RP TNC Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results

Similar Description - PE4687

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4308 PASTERNACK-PE4308 Datasheet
246Kb / 2P
BNC Female Connector Crimp/Solder Attachment For RG59, RG62
PE4688 PASTERNACK-PE4688 Datasheet
301Kb / 2P
RP TNC Female Connector Clamp/Solder Attachment For RG59, RG62
PE4718 PASTERNACK-PE4718 Datasheet
254Kb / 2P
RP BNC Male Connector Crimp/Solder Attachment For RG59, RG62
PE4071 PASTERNACK-PE4071 Datasheet
251Kb / 2P
TNC Male Connector Crimp/Solder Attachment For RG59, RG62
PE4679 PASTERNACK-PE4679 Datasheet
880Kb / 2P
RP TNC Male Right Angle Connector Clamp/ Solder Attachment For RG59, RG62
PE4739 PASTERNACK-PE4739 Datasheet
252Kb / 2P
RP BNC Female Connector Crimp/Solder Attachment For RG59, RG62
PE4740 PASTERNACK-PE4740 Datasheet
260Kb / 2P
RP BNC Female Connector Clamp/Solder Attachment For RG59, RG62
PE4326 PASTERNACK-PE4326 Datasheet
215Kb / 2P
SMA Female Connector Crimp - Solder Attachment For RG59, RG62
PE4459 PASTERNACK-PE4459 Datasheet
206Kb / 2P
TNC Female Connector Crimp - Solder Attachment For RG59, RG62
PE44103 PASTERNACK-PE44103 Datasheet
220Kb / 2P
MHV Female Connector Crimp/Solder Attachment For RG59, RG62
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com