Electronic Components Datasheet Search
  English  ▼

X  

PE4698 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4698
Description  RP SMA Female Connector Crimp/Solder Attachment For PE-C400, 0.400 inch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4698 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4698 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4698 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP SMA Female Connector Crimp/Solder Attachment For PE-C400, 0.400 inch
Configuration
Connector
SMA Female Reverse Polarity
Connector Interface Type
PE-C400,0.400 inch
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.708 [43.38]
Width/Dia., in [mm]
0.71 [18.03]
.
Weight, lbs [g]
0.068 [30.84]
Connector
Type
SMA Female Reverse Polarity
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP SMA Female Connector Crimp/Solder Attachment For PE-C400, 0.400 inch from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Female Connector Crimp/Solder Attachment For PE-C400, 0.400 inch PE44667
URL: http://www.pasternack.com/sma-female-reverse-polarity-pe-c400-0.400-connector-pe44667-p.aspx
PE44667
PE44667 REV
RP SMA Female Connector Crimp/Solder
Attachment For PE-C400, 0.400 inch


Similar Part No. - PE4698

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4690 PASTERNACK-PE4690 Datasheet
314Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4691 PASTERNACK-PE4691 Datasheet
120Kb / 1P
REVERSE POLARITY TNC FEMALE CLAMP ATTACHMENT FOR RG178 & RG196
PE4692 PASTERNACK-PE4692 Datasheet
125Kb / 1P
REVERSE POLARITY TNC FEMALE SOLDER/CLAMP ATTACHMENT FOR RG402. PE-SR402AK & PE-SR402FL
PE4693 PASTERNACK-PE4693 Datasheet
125Kb / 1P
REVERSE POLARITY TNC FEMALE SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL PE-SR405FL
PE4694 PASTERNACK-PE4694 Datasheet
234Kb / 3P
RP TNC Female Bulkhead Connector Clamp/ Solder Attachment For RG58, RG55, RG141 RG142, RG223, RG400, .480 inch D Hole
More results

Similar Description - PE4698

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4550 PASTERNACK-PE4550 Datasheet
264Kb / 3P
N Male Connector Crimp/Solder Attachment For PEB400 PE-B405, PE-C400, LMR-400, 0.400 inch
PE44546 PASTERNACK-PE44546 Datasheet
287Kb / 2P
7/16 DIN Female Connector Crimp/Solder Attachment For PE-C400, 0.400 inch
PE44530 PASTERNACK-PE44530 Datasheet
269Kb / 2P
N Female Bulkhead Connector Crimp/Solder Attachment For PE-C400, 0.400 inch, .640 inch DD Hole
PE44550 PASTERNACK-PE44550 Datasheet
291Kb / 2P
7/16 DIN Female Bulkhead Connector Crimp/Solder Attachment For PE-C400, 0.400 inch, 1.161 inch DD Hole
PE44534 PASTERNACK-PE44534 Datasheet
213Kb / 2P
N Female Connector Crimp/Solder Attachment For PE-C400, 0.400 inch
PE44470 PASTERNACK-PE44470 Datasheet
206Kb / 2P
RP N Male Connector Crimp-Solder Attachment For PE-B400, PE-B405, PE-C400
PE44522 PASTERNACK-PE44522 Datasheet
256Kb / 2P
N Male Connector Crimp-Solder Attachment For PE-C400, 0.400 inch, PE-B400, PE-B405, LMR-400
PE44668 PASTERNACK-PE44668 Datasheet
217Kb / 2P
SMA Male Connector Crimp - Solder Attachment For PE-C400, 0.400 inch
PE44669 PASTERNACK-PE44669 Datasheet
221Kb / 2P
SMA Female Connector Crimp - Solder Attachment For PE-C400, 0.400 inch
PE44672 PASTERNACK-PE44672 Datasheet
214Kb / 2P
RP TNC Male Connector Crimp - Solder Attachment For PE-C400, 0.400 inch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com