Electronic Components Datasheet Search
  English  ▼

X  

PE4720 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4720
Description  RP BNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4720 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4720 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4720 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP BNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
BNC Male Reverse Polarity
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.185 [30.1]
Width/Dia., in [mm]
0.57 [14.48]
.
Weight, lbs [g]
0.02 [9.07]
Connector
Type
BNC Male Reverse Polarity
Contact Material and Plating
Brass, Gold
Contact Plating Specification
3µ-5µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
70µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
70µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP BNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP BNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188 PE4720
URL:
http://www.pasternack.com/bnc-male-reverse-polarity-rg174-rg316-rg188-connector-pe4720-p.aspx
PE4720
PE4720 REV
RP BNC Male Connector Crimp/Solder
Attachment For RG174, RG316, RG188


Similar Part No. - PE4720

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4721 PASTERNACK-PE4721 Datasheet
102Kb / 1P
PASTERNACK ENTERPRISES
PE4722 PASTERNACK-PE4722 Datasheet
104Kb / 1P
PASTERNACK ENTERPRISES
PE4723 PASTERNACK-PE4723 Datasheet
214Kb / 2P
RP BNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4725 PASTERNACK-PE4725 Datasheet
95Kb / 1P
REVERSE POLARITY BNC MALE SOLDER ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE4726 PASTERNACK-PE4726 Datasheet
272Kb / 2P
RP BNC Male Connector Clamp/Solder Attachment For PE-B400, PE-B405
More results

Similar Description - PE4720

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4681 PASTERNACK-PE4681 Datasheet
318Kb / 3P
RP TNC Male Right Angle Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4690 PASTERNACK-PE4690 Datasheet
314Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4668 PASTERNACK-PE4668 Datasheet
226Kb / 2P
RP TNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4043 PASTERNACK-PE4043 Datasheet
325Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4079 PASTERNACK-PE4079 Datasheet
281Kb / 3P
BNC Female Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4719 PASTERNACK-PE4719 Datasheet
218Kb / 2P
RP BNC Male Connector Clamp-Solder Attachment For RG174, RG316, RG188
PE4733 PASTERNACK-PE4733 Datasheet
225Kb / 2P
RP BNC Male Right Angle Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4742 PASTERNACK-PE4742 Datasheet
219Kb / 2P
RP BNC Female Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE44369 PASTERNACK-PE44369 Datasheet
221Kb / 3P
RP MCX Plug Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4771 PASTERNACK-PE4771 Datasheet
213Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com