Electronic Components Datasheet Search
  English  ▼

X  

PCAL9554BBS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCAL9554BBS
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up and Agile I/O
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9554BBS Datasheet(HTML) 3 Page - NXP Semiconductors

  PCAL9554BBS Datasheet HTML 1Page - NXP Semiconductors PCAL9554BBS Datasheet HTML 2Page - NXP Semiconductors PCAL9554BBS Datasheet HTML 3Page - NXP Semiconductors PCAL9554BBS Datasheet HTML 4Page - NXP Semiconductors PCAL9554BBS Datasheet HTML 5Page - NXP Semiconductors PCAL9554BBS Datasheet HTML 6Page - NXP Semiconductors PCAL9554BBS Datasheet HTML 7Page - NXP Semiconductors PCAL9554BBS Datasheet HTML 8Page - NXP Semiconductors PCAL9554BBS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
PCAL9554B_PCAL9554C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 10 December 2012
3 of 42
NXP Semiconductors
PCAL9554B; PCAL9554C
Low-voltage 8-bit I2C-bus/SMBus low power I/O port
3.
Ordering information
3.1 Ordering options
4.
Block diagram
Table 1.
Ordering information
Type number
Topside
mark
Package
Name
Description
Version
PCAL9554BBS
L4B
HVQFN16
plastic thermal enhanced very thin quad flat package;
no leads; 16 terminals; body 3
 3  0.85 mm
SOT758-1
PCAL9554BPW
PL9554B
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
PCAL9554CBS
L4C
HVQFN16
plastic thermal enhanced very thin quad flat package;
no leads; 16 terminals; body 3
 3  0.85 mm
SOT758-1
PCAL9554CPW
PL9554C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
Table 2.
Ordering options
Type number
Orderable
part number
Package
Packing method
Minimum
order quantity
Temperature range
PCAL9554BBS
PCAL9554BBSHP
HVQFN16
Reel pack, SMD,
13-inch, Turned
6000
Tamb = 40 C to +85 C
PCAL9554BPW
PCAL9554BPWJ
TSSOP16
Reel pack, SMD,
13-inch
2500
Tamb = 40 C to +85 C
PCAL9554CBS
PCAL9554CBSHP
HVQFN16
Reel pack, SMD,
13-inch, Turned
6000
Tamb = 40 C to +85 C
PCAL9554CPW
PCAL9554CPWJ
TSSOP16
Reel pack, SMD,
13-inch
2500
Tamb = 40 C to +85 C
Remark: All I/Os are set to inputs at reset.
Fig 1.
Block diagram of PCAL9554B/PCAL9554C
PCAL9554B
PCAL9554C
POWER-ON
RESET
002aah204
INPUT
FILTER
SCL
SDA
VDD
P0
VSS
8-bit
write pulse
read pulse
P2
P1
P3
LP
FILTER
VDD
INT
A0
A1
P4
P6
P5
P7
I2C-BUS/SMBus
CONTROL
INPUT/
OUTPUT
PORTS
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com