Electronic Components Datasheet Search
  English  ▼

X  

PCAL9554CPW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCAL9554CPW
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up and Agile I/O
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9554CPW Datasheet(HTML) 1 Page - NXP Semiconductors

  PCAL9554CPW Datasheet HTML 1Page - NXP Semiconductors PCAL9554CPW Datasheet HTML 2Page - NXP Semiconductors PCAL9554CPW Datasheet HTML 3Page - NXP Semiconductors PCAL9554CPW Datasheet HTML 4Page - NXP Semiconductors PCAL9554CPW Datasheet HTML 5Page - NXP Semiconductors PCAL9554CPW Datasheet HTML 6Page - NXP Semiconductors PCAL9554CPW Datasheet HTML 7Page - NXP Semiconductors PCAL9554CPW Datasheet HTML 8Page - NXP Semiconductors PCAL9554CPW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1.
General description
The PCAL9554B and PCAL9554C are a low-voltage 8-bit General Purpose Input/Output
(GPIO) expanders with interrupt and weak pull-up for I2C-bus/SMBus applications. The
only difference between the PCAL9554B and PCAL9554C is their I2C-bus fixed address,
allowing a larger number of the same device on the I2C-bus with no chance of address
conflicts. NXP I/O expanders provide a simple solution when additional I/Os are needed
while keeping interconnections to a minimum, for example, in ACPI power switches,
sensors, push buttons, LEDs, fan control, etc.
In addition to providing a flexible set of GPIOs, the wide VDD range of 1.65 V to 5.5 V
allows the PCAL9554B/PCAL9554C to interface with next-generation microprocessors
and microcontrollers where supply levels are dropping down to conserve power.
The PCAL9554B/PCAL9554C contains the PCA9554A register set of four 8-bit
Configuration, Input, Output, and Polarity Inversion registers, and additionally, the
PCAL9554B/PCAL9554C has Agile I/O, which are additional features specifically
designed to enhance the I/O. These additional features are: programmable output drive
strength, latchable inputs, programmable pull-up/pull-down resistors, maskable interrupt,
interrupt status register, programmable open-drain or push-pull outputs.
The PCAL9554B is a pin-for-pin replacement for the PCA9554, while the PCAL9554C
replaces the PCA9554A, however both versions power-up with all I/O interrupted masked.
This mask default allows for a board bring-up free of spurious interrupts at power-up.
The PCAL9554B/PCAL9554C open-drain interrupt (INT) output is activated when any
input state differs from its corresponding Input Port register state and is used to indicate to
the system master that an input state has changed.
INT can be connected to the interrupt input of a microcontroller. By sending an interrupt
signal on this line, the remote I/O can inform the microcontroller if there is incoming data
on its ports without having to communicate via the I2C-bus. Thus, the PCAL9554B or
PCAL9554C can remain a simple slave device.
The device outputs have 25 mA sink capabilities for directly driving LEDs while consuming
low device current.
Three hardware pins (A0, A1, A2) select the fixed I2C-bus address and allow up to eight
devices to share the same I2C-bus/SMBus. The PCAL9554B and PCAL9554C differ only
in their base I2C-bus addresses permitting a total of 16 of the same devices on the
I2C-bus, minimizing the chance of address conflict, even in the most complex system.
PCAL9554B; PCAL9554C
Low-voltage 8-bit I2C-bus and SMBus low power I/O port with
interrupt, weak pull-up and Agile I/O
Rev. 2 — 10 December 2012
Product data sheet


Similar Part No. - PCAL9554CPW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCAL9555A NXP-PCAL9555A Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCAL9555A NXP-PCAL9555A Datasheet
2Mb / 46P
Low-voltage 16-bit I2C-bus GPIO with Agile I/O, interrupt and weak pull-up
Rev. 1-3 October 2012
PCAL9555AHF NXP-PCAL9555AHF Datasheet
2Mb / 46P
Low-voltage 16-bit I2C-bus GPIO with Agile I/O, interrupt and weak pull-up
Rev. 1-3 October 2012
PCAL9555APW NXP-PCAL9555APW Datasheet
2Mb / 46P
Low-voltage 16-bit I2C-bus GPIO with Agile I/O, interrupt and weak pull-up
Rev. 1-3 October 2012
More results

Similar Description - PCAL9554CPW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9534 PHILIPS-PCA9534 Datasheet
146Kb / 17P
8-bit I2C and SMBus, low power I/O port with interrupt
2004 Sep 30
PCA9534 NXP-PCA9534 Datasheet
163Kb / 25P
8-bit I2C-bus and SMBus low power I/O port with interrupt
Rev. 03-6 November 2006
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
PCA9554B NXP-PCA9554B Datasheet
2Mb / 36P
Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up
Rev. 1-19 September 2012
PCA9555A NXP-PCA9555A Datasheet
2Mb / 39P
Low-voltage 16-bit I2C-bus I/O port with interrupt and weak pull-up
Rev. 1-11 September 2012
PCAL9535A NXP-PCAL9535A Datasheet
2Mb / 46P
Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
Rev. 1-28 September 2012
PCAL9555A NXP-PCAL9555A Datasheet
2Mb / 46P
Low-voltage 16-bit I2C-bus GPIO with Agile I/O, interrupt and weak pull-up
Rev. 1-3 October 2012
PCAL9538A NXP-PCAL9538A Datasheet
2Mb / 43P
Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, reset and Agile I/O
Rev. 2-10 December 2012
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com