Electronic Components Datasheet Search
  English  ▼

X  

PCAL9554CBSHP Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCAL9554CBSHP
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up and Agile I/O
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9554CBSHP Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCAL9554CBSHP Datasheet HTML 26Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 27Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 28Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 29Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 30Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 31Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 32Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 33Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
PCAL9554B_PCAL9554C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 10 December 2012
30 of 42
NXP Semiconductors
PCAL9554B; PCAL9554C
Low-voltage 8-bit I2C-bus/SMBus low power I/O port
a. Interrupt load configuration
b. Voltage waveforms
CL includes probe and jig capacitance.
All inputs are supplied by generators having the following characteristics: PRR
 10 MHz; Z
o =50 ; tr/tf  30 ns.
All parameters and waveforms are not applicable to all devices.
(1) PCAL9554B address shown. Address for PCAL9554C is 0111,A2,A1,A0.
Fig 30. Interrupt load circuit and voltage waveforms
002aah069
DUT
CL = 100 pF
RL = 4.7 kΩ
INT
VDD
1
0
0
A2 A1 A0
1
A
S0
slave address(1)
START condition
R/W
acknowledge
from slave
002aah130
8 bits (one data byte)
from port
A
acknowledge
from slave
SDA
1
no acknowledge
from master
data into
port
data from port
DATA 1
DATA 2
INT
DATA 2
DATA 1
P
STOP
condition
tv(INT)
trst(INT)
tsu(D)
12345678
SCL
9
ADDRESS
trst(INT)
A
A
View A - A
INT
Pn
tv(INT)
0.5 × VDD
0.5 × VDD
View B - B
SCL
0.5 × VDD
INT
R/W
A
trst(INT)
0.3 × VDD
0.7 × VDD
B
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com