Electronic Components Datasheet Search
  English  ▼

X  

PE4763 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4763
Description  RP BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4763 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4763 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4763 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole
Spacing
Configuration
Connector
BNC Female Reverse Polarity
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
4 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.065 [27.05]
Width/Dia., in [mm]
0.687 [17.45]
Height, in [mm]
0.687 [17.45]
.
Weight, lbs [g]
0.027 [12.25]
Connector
Type
BNC Female Reverse Polarity
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain
a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole
Spacing PE4763
URL: http://www.pasternack.com/bnc-female-reverse-polarity-solder-cup-terminal-connector-pe4763-p.aspx
PE4763
PE4763 REV
RP BNC Female Connector Solder Attachment 4 Hole
Flange Solder Cup Terminal, .500 inch Hole Spacing


Similar Part No. - PE4763

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4760 PASTERNACK-PE4760 Datasheet
241Kb / 2P
RP BNC Female Right Angle Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4761 PASTERNACK-PE4761 Datasheet
221Kb / 3P
RP BNC Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4762 PASTERNACK-PE4762 Datasheet
203Kb / 2P
RP BNC Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4764 PASTERNACK-PE4764 Datasheet
219Kb / 3P
RP BNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
PE4765 PASTERNACK-PE4765 Datasheet
283Kb / 3P
RP BNC Female Connector Clamp/Solder Attachment 4 Hole Flange For RG55, RG58, RG141, RG142,RG223, RG400, .500 inch Threaded Hole Spacing
More results

Similar Description - PE4763

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4010 PASTERNACK-PE4010 Datasheet
250Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PE4760 PASTERNACK-PE4760 Datasheet
241Kb / 2P
RP BNC Female Right Angle Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4394 PASTERNACK-PE4394 Datasheet
237Kb / 2P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal .500 inch Hole Spacing
PE4527 PASTERNACK-PE4527 Datasheet
293Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE4395 PASTERNACK-PE4395 Datasheet
219Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4630 PASTERNACK-PE4630 Datasheet
214Kb / 2P
75 Ohm BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE4756 PASTERNACK-PE4756 Datasheet
210Kb / 3P
RP BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
PE4762 PASTERNACK-PE4762 Datasheet
203Kb / 2P
RP BNC Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
PE4866 PASTERNACK-PE4866 Datasheet
218Kb / 3P
RP SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .340 inch Hole Spacing
PE4705 PASTERNACK-PE4705 Datasheet
214Kb / 3P
RP TNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com