Electronic Components Datasheet Search
  English  ▼

X  

PE4776 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4776
Description  RP SMA Male Connector Clamp/Solder Attachment For RG180, RG195
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4776 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4776 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4776 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP SMA Male Connector Clamp/Solder Attachment For RG180, RG195
Configuration
Connector
SMA Male Reverse Polarity
Connector Interface Type
RG180,RG195
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.8 [20.32]
Width/Dia., in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male Reverse Polarity
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP SMA Male Connector Clamp/Solder Attachment For RG180, RG195 from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Male Connector Clamp/Solder Attachment For RG180, RG195 PE4776
URL: http://www.pasternack.com/sma-male-reverse-polarity-rg180-rg195-connector-pe4776-p.aspx
PE4776
PE4776 REV
RP SMA Male Connector Clamp/Solder
Attachment For RG180, RG195


Similar Part No. - PE4776

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4770 PASTERNACK-PE4770 Datasheet
296Kb / 3P
RP SMA Male Connector Clamp - Solder Attachment For RG174, RG316, RG188
PE4771 PASTERNACK-PE4771 Datasheet
213Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4772 PASTERNACK-PE4772 Datasheet
87Kb / 1P
PASTERNACK ENTERPRISES
PE4773 PASTERNACK-PE4773 Datasheet
217Kb / 2P
RP SMA Male Connector Clamp - Solder Attachment For RG178, RG196
PE4774 PASTERNACK-PE4774 Datasheet
210Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG178, RG196
More results

Similar Description - PE4776

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4383 PASTERNACK-PE4383 Datasheet
224Kb / 3P
BNC Male Connector Clamp/Solder Attachment For PE-B150, RG180, RG195
PE4247 PASTERNACK-PE4247 Datasheet
253Kb / 2P
BNC Male Connector Crimp/Solder Attachment For PE-B150, RG180, RG195
PE4777 PASTERNACK-PE4777 Datasheet
257Kb / 2P
RP SMA Malle Connector Crimp/Solder Attachment For RG180, RG195
PE4580 PASTERNACK-PE4580 Datasheet
214Kb / 2P
SMA Male Right Angle Connector Crimp/Solder Attachment For RG180, RG195
PE4273 PASTERNACK-PE4273 Datasheet
208Kb / 2P
75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG180, RG195
PE4275 PASTERNACK-PE4275 Datasheet
209Kb / 2P
75 Ohm SMC Jack Connector Clamp-Solder Attachment For RG180, RG195
PE4578 PASTERNACK-PE4578 Datasheet
205Kb / 2P
SMA Male Connector Crimp - Solder Attachment For RG180, RG195
PE4579 PASTERNACK-PE4579 Datasheet
214Kb / 2P
SMA Male Right Angle Connector Clamp - Solder Attachment For RG180, RG195
PE4770 PASTERNACK-PE4770 Datasheet
296Kb / 3P
RP SMA Male Connector Clamp - Solder Attachment For RG174, RG316, RG188
PE4773 PASTERNACK-PE4773 Datasheet
217Kb / 2P
RP SMA Male Connector Clamp - Solder Attachment For RG178, RG196
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com