Electronic Components Datasheet Search
  English  ▼

X  

PE4778 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4778
Description  RP SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4778 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4778 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4778 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
Configuration
Connector
SMA Male Reverse Polarity
Connector Interface Type
PE-SR402AL,PE-SR402FL,RG402
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMA Male Reverse Polarity
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Stainless Steel, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402 from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402 PE4778
URL:
http://www.pasternack.com/sma-male-reverse-polarity-pe-sr402al-pe-sr402fl-rg402-connector-pe4778-p.aspx
PE4778
PE4778 REV
RP SMA Male Connector Solder Attachment For
PE-SR402AL, PE-SR402FL, RG402


Similar Part No. - PE4778

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4770 PASTERNACK-PE4770 Datasheet
296Kb / 3P
RP SMA Male Connector Clamp - Solder Attachment For RG174, RG316, RG188
PE4771 PASTERNACK-PE4771 Datasheet
213Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4772 PASTERNACK-PE4772 Datasheet
87Kb / 1P
PASTERNACK ENTERPRISES
PE4773 PASTERNACK-PE4773 Datasheet
217Kb / 2P
RP SMA Male Connector Clamp - Solder Attachment For RG178, RG196
PE4774 PASTERNACK-PE4774 Datasheet
210Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG178, RG196
More results

Similar Description - PE4778

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4007 PASTERNACK-PE4007 Datasheet
298Kb / 2P
SMA Male Connector Solder (Without Contact) Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4112 PASTERNACK-PE4112 Datasheet
262Kb / 3P
SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4671 PASTERNACK-PE4671 Datasheet
309Kb / 3P
RP TNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4115 PASTERNACK-PE4115 Datasheet
277Kb / 2P
SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4852 PASTERNACK-PE4852 Datasheet
264Kb / 2P
RP SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44691 PASTERNACK-PE44691 Datasheet
267Kb / 2P
SMA Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE4723 PASTERNACK-PE4723 Datasheet
214Kb / 2P
RP BNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44599 PASTERNACK-PE44599 Datasheet
215Kb / 2P
QN Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44724 PASTERNACK-PE44724 Datasheet
381Kb / 2P
RP SMA Male Connector Solder Attachment for PE-SR402AL, PE-SR402FL, RG402 Gold Plated Brass Body
PE4790 PASTERNACK-PE4790 Datasheet
227Kb / 3P
RP SMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com