Electronic Components Datasheet Search
  English  ▼

X  

PE4781 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4781
Description  RP SMA Male Right Angle Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4781 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4781 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4781 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4781 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
RP SMA Male Right Angle Connector Crimp/Solder
Attachment For RG55, RG141, RG142, RG223, RG400
RP SMA Male Right Angle Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
Configuration
Connector
SMA Male Reverse Polarity
Connector Interface Type
RG55,RG141,RG142,RG223,RG400
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.61 [15.49]
Width/Dia., in [mm]
0.312 [8]
Height, in [mm]
0.925 [23.5]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male Reverse Polarity
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Male Right Angle Connector Crimp/Solder Attachment For RG55, RG141, RG142,
RG223, RG400 PE4781
PE4781
PE4781 REV


Similar Part No. - PE4781

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4780 PASTERNACK-PE4780 Datasheet
269Kb / 3P
RP SMA Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4782 PASTERNACK-PE4782 Datasheet
98Kb / 1P
REVERSE POLARITY SMA MALE RIGHT ANGLE SOLDER ATTACHMENT FOR RG55 RG58 RG142 RG223 RG400
PE4783 PASTERNACK-PE4783 Datasheet
91Kb / 1P
REVERSE POLARITY SMA MALE RIGHT ANGLE CRIMP ATTACHMENT FOR RG58
PE4784 PASTERNACK-PE4784 Datasheet
221Kb / 3P
RP SMA Male Right Angle Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE4785 PASTERNACK-PE4785 Datasheet
0Kb / 3P
RP SMA Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
More results

Similar Description - PE4781

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44471 PASTERNACK-PE44471 Datasheet
246Kb / 2P
RP N Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4484 PASTERNACK-PE4484 Datasheet
262Kb / 2P
N Male Right Angle Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4780 PASTERNACK-PE4780 Datasheet
269Kb / 3P
RP SMA Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4663 PASTERNACK-PE4663 Datasheet
222Kb / 3P
RP TNC Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE44182 PASTERNACK-PE44182 Datasheet
248Kb / 2P
RT SMA Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE44186 PASTERNACK-PE44186 Datasheet
222Kb / 3P
RT SMA Male Right Angle Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4767 PASTERNACK-PE4767 Datasheet
213Kb / 2P
RP SMA Male Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4793 PASTERNACK-PE4793 Datasheet
221Kb / 3P
RP SMA Female Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4766 PASTERNACK-PE4766 Datasheet
228Kb / 2P
RP SMA Male Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44975 PASTERNACK-PE44975 Datasheet
200Kb / 2P
RP SMA Male Right Angle Connector Crimp - Solder Attachment For RG55, RG141, RG142, RG223, RG400
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com