Electronic Components Datasheet Search
  English  ▼

X  

PE4797 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4797
Description  RP SMA Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4797 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4797 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4797 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP SMA Female Connector Crimp/Solder
Attachment For RG174, RG316, RG188
RP SMA Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
SMA Female Reverse Polarity
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.81 [20.57]
Width/Dia., in [mm]
0.312 [8]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMA Female Reverse Polarity
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP SMA Female Connector Crimp/Solder Attachment For RG174, RG316, RG188 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Female Connector Crimp/Solder Attachment For RG174, RG316, RG188 PE4797
URL:
http://www.pasternack.com/sma-female-reverse-polarity-rg174-rg316-rg188-connector-pe4797-p.aspx
PE4797
PE4797 REV


Similar Part No. - PE4797

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4790 PASTERNACK-PE4790 Datasheet
227Kb / 3P
RP SMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4791 PASTERNACK-PE4791 Datasheet
258Kb / 2P
RP SMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4792 PASTERNACK-PE4792 Datasheet
229Kb / 3P
RP SMA Female Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4793 PASTERNACK-PE4793 Datasheet
221Kb / 3P
RP SMA Female Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4794 PASTERNACK-PE4794 Datasheet
90Kb / 1P
REVERSE POLARITY SMA FEMALE SOLDER ATTACHMENT FOR RG55 RG58 RG142 RG223 RG400
More results

Similar Description - PE4797

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4040 PASTERNACK-PE4040 Datasheet
89Kb / 1P
SMA FEMALE SOLDER ATTACHMENT FOR RG174, RG188& RG316
PE4690 PASTERNACK-PE4690 Datasheet
314Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4414 PASTERNACK-PE4414 Datasheet
258Kb / 2P
SMA Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4720 PASTERNACK-PE4720 Datasheet
274Kb / 2P
RP BNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4796 PASTERNACK-PE4796 Datasheet
206Kb / 2P
RP SMA Female Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE4785 PASTERNACK-PE4785 Datasheet
0Kb / 3P
RP SMA Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4742 PASTERNACK-PE4742 Datasheet
219Kb / 2P
RP BNC Female Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE44192 PASTERNACK-PE44192 Datasheet
217Kb / 2P
RT SMA Female Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4770 PASTERNACK-PE4770 Datasheet
296Kb / 3P
RP SMA Male Connector Clamp - Solder Attachment For RG174, RG316, RG188
PE4771 PASTERNACK-PE4771 Datasheet
213Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com