Electronic Components Datasheet Search
  English  ▼

X  

PE4803 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4803
Description  D-Sub Receptacle Contact Crimp/Solder Attachment For RG180, RG195
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4803 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4803 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4803 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
D-Sub Receptacle Contact Crimp/Solder Attachment For RG180, RG195
Configuration
Connector
D-Sub Receptacle
Connector Interface Type
RG180,RG195
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.04 [26.42]
Width/Dia., in [mm]
0.235 [5.97]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
D-Sub Receptacle
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
D-Sub Receptacle Contact Crimp/Solder Attachment For RG180, RG195 from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: D-Sub Receptacle Contact Crimp/Solder Attachment For RG180, RG195 PE4803
URL: http://www.pasternack.com/d-sub-receptacle-standard-rg180-rg195-connector-pe4803-p.aspx
PE4803
PE4803 REV
D-Sub Receptacle Contact Crimp/Solder
Attachment For RG180, RG195


Similar Part No. - PE4803

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4800 PASTERNACK-PE4800 Datasheet
204Kb / 2P
D-Sub Receptacle Contact Crimp/Solder Attachment For RG58,RG141,RG303
PE4801 PASTERNACK-PE4801 Datasheet
203Kb / 2P
D-Sub Receptacle Contact Crimp/Solder Attachment For RG174, RG316, RG187, RG188
PE48010 PASTERNACK-PE48010 Datasheet
295Kb / 3P
SMB Jack Bulkhead Mount Connector Crimp Attachment for LMR-100, PE-B100, PE-C100, 0.100 Inch cable
A
PE48012 PASTERNACK-PE48012 Datasheet
287Kb / 3P
SMB Jack Connector Crimp Attachment for PEC195, PE-P195, LMR-195, 0.195 Inch Cable
A
PE48013 PASTERNACK-PE48013 Datasheet
282Kb / 3P
SMB Jack Right Angle Connector Crimp Attachment for LMR-100, PE-B100, PE-C100, 0.100 Inch Cable
A
More results

Similar Description - PE4803

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4163 PASTERNACK-PE4163 Datasheet
257Kb / 2P
75 Ohm SMB Jack Connector Crimp/Solder Attachment For RG180, RG195
PE4777 PASTERNACK-PE4777 Datasheet
257Kb / 2P
RP SMA Malle Connector Crimp/Solder Attachment For RG180, RG195
PE4815 PASTERNACK-PE4815 Datasheet
249Kb / 2P
D-Sub Plug Contact Solder Attachment For RG180, RG195
PE4580 PASTERNACK-PE4580 Datasheet
214Kb / 2P
SMA Male Right Angle Connector Crimp/Solder Attachment For RG180, RG195
PE4827 PASTERNACK-PE4827 Datasheet
248Kb / 2P
D-Sub Plug Right Angle Contact Crimp/ Solder Attachment For RG180, RG195
PE4831 PASTERNACK-PE4831 Datasheet
247Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For RG180, RG195
PE4807 PASTERNACK-PE4807 Datasheet
205Kb / 2P
D-Sub Receptacle Contact Solder Attachment For RG180, RG195
PE4819 PASTERNACK-PE4819 Datasheet
93Kb / 1P
D SUBMINIATION RUGHT ANGLE RECEPTACLE CRIMP ATTACHMENT FOR RG180 RG195
PE4823 PASTERNACK-PE4823 Datasheet
204Kb / 2P
D-Sub Receptacle Right Angle Contact Solder Attachment For RG180, RG195
PE4578 PASTERNACK-PE4578 Datasheet
205Kb / 2P
SMA Male Connector Crimp - Solder Attachment For RG180, RG195
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com