Electronic Components Datasheet Search
  English  ▼

X  

AD608ARZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD608ARZ
Description  Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD608ARZ Datasheet(HTML) 3 Page - Analog Devices

  AD608ARZ Datasheet HTML 1Page - Analog Devices AD608ARZ Datasheet HTML 2Page - Analog Devices AD608ARZ Datasheet HTML 3Page - Analog Devices AD608ARZ Datasheet HTML 4Page - Analog Devices AD608ARZ Datasheet HTML 5Page - Analog Devices AD608ARZ Datasheet HTML 6Page - Analog Devices AD608ARZ Datasheet HTML 7Page - Analog Devices AD608ARZ Datasheet HTML 8Page - Analog Devices AD608ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD608
Rev. C | Page 3 of 16
SPECIFICATIONS
TA = 25°C, supply = 3 V, dBm is referred to 50 Ω, unless otherwise noted.
Table 1.
Parameter
Conditions1
Min
Typ
Max
Unit
MIXER PERFORMANCE
RF and LO Frequency Range
500
MHz
LO Power
Input terminated in 50 Ω
−16
dBm
Conversion Gain
Driving doubly terminated 330 Ω IF filter, ZIF = 165 Ω
19
24
28
dB
Noise Figure
Matched input, fRF = 100 MHz
11
dB
Matched input, fRF = 240 MHz
16
dB
1 dB Compression Point
Input terminated in 50 Ω
−15
dBm
Third-Order Intercept
fRF = 240 MHz and 240.02 MHz, fLO = 229.3 MHz
−5
dBm
Input Resistance
fRF = 100 MHz (see Table 5)
1.9
kΩ
Input Capacitance
fRF = 100 MHz (see Table 5)
3
pF
LIMITER PERFORMANCE
Gain
Full temperature and supply range
110
dB
Limiting Threshold
3° rms phase jitter at 10.7 MHz
−75
dBm
280 kHz IF bandwidth
Input Resistance
10
kΩ
Input Capacitance
3
pF
Phase Variation
−75 dBm to +5 dBm IF input signal at 10.7 MHz
±3
Degrees
DC Level
Center of output swing (VPOS – 1 V)
2
V
Output Level
Limiter output driving 5 kΩ load
400
mV p-p
Rise and Fall Times
Driving a 5 pF load
11
ns
Output Impedance
200
Ω
RSSI PERFORMANCE
At 10.7 MHz
Nominal Slope
At VPOS = 3 V; proportional to VPOS
17.27
20
23.27
mV/dB
Nominal Intercept
−85
dBm
Minimum RSSI Voltage
−75 dBm input signal
0.2
V
Maximum RSSI Voltage
+5 dBm input signal
1.8
V
RSSI Voltage Intercept
0 dBm input signal
1.57
1.82
V
Logarithmic Linearity Error
−75 dBm to +5 dBm input signal at IFHI
±1
dB
RSSI Response Time
90% RF to 50% RSSI
200
ns
Output Impedance
At midscale
250
Ω
POWER-DOWN INTERFACE
Logic Threshold
System active on logic high
1.5
V
Input Current
For logic high
75
mA
Power-Up Response Time
Active limiter output
200
ns
Power-Down Response Time
To 200 μA supply current
400
ns
Power-Down Current
100
μA
POWER SUPPLY
Operating Range
−25°C to +85°C
2.7
5.5
V
−40°C to +85°C
3.0
5.5
V
Powered Up Current
VPOS = 3 V
7.3
mA
OPERATING TEMPERATURE
TMIN to TMAX
VPOS = 2.7 V to 5.5 V
−25
+85
°C
VPOS = 3.0 V to 5.5 V
−40
+85
°C
1 VPOS is used to refer collectively to the VPS1 and VPS2 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com