Electronic Components Datasheet Search
  English  ▼

X  

2785 Datasheet(PDF) 2 Page - Kemet Corporation

Part # 2785
Description  For voltage balancing and/or discharge of electrolytic capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

2785 Datasheet(HTML) 2 Page - Kemet Corporation

  2785 Datasheet HTML 1Page - Kemet Corporation 2785 Datasheet HTML 2Page - Kemet Corporation 2785 Datasheet HTML 3Page - Kemet Corporation 2785 Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
13
BHC and Evox Rifa Electrolytic Capacitors
ØD
Ød
t
mounting data for thE accEssoriEs
accEssoriEs
Pyc 7150, m5
Pyc 6756, m6*
* M6 and M5 (max connector thickness 3 mm incl. washer)
Pyb 7033, m8
Pyb 7026, m12
Pyb 7041, m12
Pyb 7042, m12
Pyc 6750, m5
Pyc 6751, m6*
nylon caP nuts
mounting
max chassis
width
creepage
test voltage
max tightening
capacitor
hole
thickness
of jaws
distance
50–60 hz
torque
diameter
mm (min)
(mm)
(mm)
(mm)
1 min (kvac)
(nm)
(mm)
Ø 17.5
5
17
4.5
2.5
3
Ø = 35
Ø 17.5
5
19
2.5
2,5
8
Ø > 35
Ø 22.5
5
19
5
2.5
8
Ø > 35
Ø 30.5
5
19
9
4
8
Ø > 35
scrEws
washErs
max
stainlEss stEEl
stainlEss stEEl
m
l
d
d
t
s
tightening
torque (nm)
M5
10
8.7
5.1
1.2
10
3
M6
12
11.1
6.1
1.6
12
5 *
ØD
Ød
t



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com