Electronic Components Datasheet Search
  English  ▼

X  

STTH1002CBY-TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH1002CBY-TR
Description  Automotive high efficiency ultrafast diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1002CBY-TR Datasheet(HTML) 3 Page - STMicroelectronics

  STTH1002CBY-TR Datasheet HTML 1Page - STMicroelectronics STTH1002CBY-TR Datasheet HTML 2Page - STMicroelectronics STTH1002CBY-TR Datasheet HTML 3Page - STMicroelectronics STTH1002CBY-TR Datasheet HTML 4Page - STMicroelectronics STTH1002CBY-TR Datasheet HTML 5Page - STMicroelectronics STTH1002CBY-TR Datasheet HTML 6Page - STMicroelectronics STTH1002CBY-TR Datasheet HTML 7Page - STMicroelectronics STTH1002CBY-TR Datasheet HTML 8Page - STMicroelectronics STTH1002CBY-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STTH1002C-Y
Characteristics
Doc ID 17536 Rev 2
3/9
Table 5.
Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time Tj = 25 °C
IF = 1 A VR = 30 V
dIF/dt = 100 A/µs
20
25
ns
IRM
Reverse recovery
current
Tj = 125 °C
IF = 5 A
VR = 160 V
dIF/dt = 200 A/µs
5.9
7.6
A
tfr
Forward recovery time
Tj = 25 °C
IF = 5 A
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax
110
ns
VFP
Forward recovery
voltage
Tj = 25 °C
IF = 5 A
dIF/dt = 100 A/µs
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com