Electronic Components Datasheet Search
  English  ▼

X  

PE4827 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4827
Description  D-Sub Plug Right Angle Contact Crimp/ Solder Attachment For RG180, RG195
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4827 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4827 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4827 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
D-Sub Plug Right Angle Contact Crimp/Solder Attachment For RG180, RG195
Configuration
Connector
D-Sub Plug
Connector Interface Type
RG180,RG195
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.735 [18.67]
Height, in [mm]
0.715 [18.16]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
D-Sub Plug
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
D-Sub Plug Right Angle Contact Crimp/Solder Attachment For RG180, RG195 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: D-Sub Plug Right Angle Contact Crimp/Solder Attachment For RG180, RG195 PE4827
URL: http://www.pasternack.com/d-sub-plug-standard-rg180-rg195-connector-pe4827-p.aspx
PE4827
PE4827 REV
D-Sub Plug Right Angle Contact Crimp/
Solder Attachment For RG180, RG195


Similar Part No. - PE4827

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4820 PASTERNACK-PE4820 Datasheet
93Kb / 1P
D SUBMINIA TURE RECEPTACLE RIGHT ANGLE SOLDER ATTACHMENT FOR RG58 RG141 RG303
logo
Beijing Yaohuadechang E...
PE4820-I YHDC-PE4820-I Datasheet
6Mb / 1P
PE series PCB safety isolation transformer
PE4820-M YHDC-PE4820-M Datasheet
629Kb / 1P
PE series PCB safety isolation transformer
PE4820R-M YHDC-PE4820R-M Datasheet
4Mb / 1P
PE series PCB safety isolation transformer
logo
Pasternack Enterprises,...
PE4821 PASTERNACK-PE4821 Datasheet
250Kb / 2P
D-Sub Receptacle Right Angle Contact Solder Attachment For RG174, RG316, RG187, RG188
More results

Similar Description - PE4827

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4161 PASTERNACK-PE4161 Datasheet
219Kb / 3P
75 Ohm SMB Plug Right Angle Connector Crimp /Solder Attachment For RG180, RG195
PE4815 PASTERNACK-PE4815 Datasheet
249Kb / 2P
D-Sub Plug Contact Solder Attachment For RG180, RG195
PE4162 PASTERNACK-PE4162 Datasheet
253Kb / 2P
75 Ohm SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG180, RG195
PE4580 PASTERNACK-PE4580 Datasheet
214Kb / 2P
SMA Male Right Angle Connector Crimp/Solder Attachment For RG180, RG195
PE4803 PASTERNACK-PE4803 Datasheet
252Kb / 2P
D-Sub Receptacle Contact Crimp/Solder Attachment For RG180, RG195
PE4831 PASTERNACK-PE4831 Datasheet
247Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For RG180, RG195
PE44446 PASTERNACK-PE44446 Datasheet
204Kb / 2P
75 Ohm SMB Positive Snap Plug Right Angle Connector Crimp/Solder Attachment For RG180, RG195
PE4807 PASTERNACK-PE4807 Datasheet
205Kb / 2P
D-Sub Receptacle Contact Solder Attachment For RG180, RG195
PE4823 PASTERNACK-PE4823 Datasheet
204Kb / 2P
D-Sub Receptacle Right Angle Contact Solder Attachment For RG180, RG195
PE4158 PASTERNACK-PE4158 Datasheet
219Kb / 3P
75 Ohm SMC Plug Connector Crimp - Solder Attachment For RG180, RG195
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com