Electronic Components Datasheet Search
  English  ▼

X  

PE4831 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4831
Description  D-Sub Plug Right Angle Contact Solder Attachment For RG180, RG195
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4831 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4831 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4831 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
D-Sub Plug Right Angle Contact Solder Attachment For RG180, RG195
Configuration
Connector
D-Sub Plug
Connector Interface Type
RG180,RG195
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.735 [18.67]
Height, in [mm]
0.715 [18.16]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
D-Sub Plug
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
D-Sub Plug Right Angle Contact Solder Attachment For RG180, RG195 from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: D-Sub Plug Right Angle Contact Solder Attachment For RG180, RG195 PE4831
URL: http://www.pasternack.com/d-sub-plug-standard-rg180-rg195-connector-pe4831-p.aspx
PE4831
PE4831 REV
D-Sub Plug Right Angle Contact Solder
Attachment For RG180, RG195


Similar Part No. - PE4831

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4830 PASTERNACK-PE4830 Datasheet
247Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For RG178, RG196
PE4832 PASTERNACK-PE4832 Datasheet
234Kb / 2P
D-Sub Receptacle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
PE4833 PASTERNACK-PE4833 Datasheet
214Kb / 3P
D-Sub Plug Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
PE4834 PASTERNACK-PE4834 Datasheet
241Kb / 3P
D-Sub Receptacle Right Angle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
PE4835 PASTERNACK-PE4835 Datasheet
236Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
More results

Similar Description - PE4831

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4161 PASTERNACK-PE4161 Datasheet
219Kb / 3P
75 Ohm SMB Plug Right Angle Connector Crimp /Solder Attachment For RG180, RG195
PE4815 PASTERNACK-PE4815 Datasheet
249Kb / 2P
D-Sub Plug Contact Solder Attachment For RG180, RG195
PE4162 PASTERNACK-PE4162 Datasheet
253Kb / 2P
75 Ohm SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG180, RG195
PE4580 PASTERNACK-PE4580 Datasheet
214Kb / 2P
SMA Male Right Angle Connector Crimp/Solder Attachment For RG180, RG195
PE4803 PASTERNACK-PE4803 Datasheet
252Kb / 2P
D-Sub Receptacle Contact Crimp/Solder Attachment For RG180, RG195
PE4827 PASTERNACK-PE4827 Datasheet
248Kb / 2P
D-Sub Plug Right Angle Contact Crimp/ Solder Attachment For RG180, RG195
PE4267 PASTERNACK-PE4267 Datasheet
208Kb / 2P
75 Ohm SMC Plug Right Angle Connector Clamp/ Solder Attachment For RG180, RG195
PE4807 PASTERNACK-PE4807 Datasheet
205Kb / 2P
D-Sub Receptacle Contact Solder Attachment For RG180, RG195
PE4823 PASTERNACK-PE4823 Datasheet
204Kb / 2P
D-Sub Receptacle Right Angle Contact Solder Attachment For RG180, RG195
PE4579 PASTERNACK-PE4579 Datasheet
214Kb / 2P
SMA Male Right Angle Connector Clamp - Solder Attachment For RG180, RG195
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com