Electronic Components Datasheet Search
  English  ▼

X  

PE4850 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4850
Description  RP SMA Female Connector Clamp/Solder Attachment For RG178, RG196
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4850 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4850 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4850 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP SMA Female Connector Clamp/Solder Attachment For RG178, RG196
Configuration
Connector
SMA Female Reverse Polarity
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.75 [19.05]
Width/Dia., in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Female Reverse Polarity
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP SMA Female Connector Clamp/Solder Attachment For RG178, RG196 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Female Connector Clamp/Solder Attachment For RG178, RG196 PE4850
URL: http://www.pasternack.com/sma-female-reverse-polarity-rg178-rg196-connector-pe4850-p.aspx
PE4850
PE4850 REV
RP SMA Female Connector Clamp/Solder
Attachment For RG178, RG196


Similar Part No. - PE4850

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4851 PASTERNACK-PE4851 Datasheet
101Kb / 1P
REVERSE POLARITY SMA FEMALE SOLDER ATTACHMENT FOR RG178 & RG196
PE4852 PASTERNACK-PE4852 Datasheet
264Kb / 2P
RP SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4853 PASTERNACK-PE4853 Datasheet
209Kb / 2P
RP SMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4854 PASTERNACK-PE4854 Datasheet
229Kb / 3P
RP SMA Female Bulkhead Connector Clamp/ Solder Attachment For RG58, RG55, RG141,RG142, RG223, RG400, .235 inch D Hole
PE4855 PASTERNACK-PE4855 Datasheet
219Kb / 2P
RP SMA Female Bulkhead Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400, .235 inch D Hole
More results

Similar Description - PE4850

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4423 PASTERNACK-PE4423 Datasheet
269Kb / 1P
SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 &RG196
PE4214 PASTERNACK-PE4214 Datasheet
210Kb / 2P
SMA Male Connector Clamp/Solder Attachment For RG178, RG196
PE4787 PASTERNACK-PE4787 Datasheet
225Kb / 2P
RP SMA Male Right Angle Connector Clamp/ Solder Attachment For RG178, RG196
PE4799 PASTERNACK-PE4799 Datasheet
219Kb / 2P
RP SMA Female Connector Crimp/Solder Attachment For RG178, RG196
PE4861 PASTERNACK-PE4861 Datasheet
224Kb / 3P
RP SMA Female Bulkhead Connector Clamp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE4591 PASTERNACK-PE4591 Datasheet
218Kb / 2P
SMA Female Connector Clamp - Solder Attachment For RG178, RG196
PE4773 PASTERNACK-PE4773 Datasheet
217Kb / 2P
RP SMA Male Connector Clamp - Solder Attachment For RG178, RG196
PE4774 PASTERNACK-PE4774 Datasheet
210Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG178, RG196
PE45004 PASTERNACK-PE45004 Datasheet
248Kb / 2P
RP SMA Female Bulkhead Connector Crimp - Solder Attachment For RG196, RG178
PE4592 PASTERNACK-PE4592 Datasheet
97Kb / 1P
SMA FEMALE SOLDER ATTACHMENT FOR RG178 & RG196
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com